Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2665 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM2665
Description  LM2665 Switched Capacitor Voltage Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2665 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2665 Datasheet HTML 8Page - Texas Instruments LM2665 Datasheet HTML 9Page - Texas Instruments LM2665 Datasheet HTML 10Page - Texas Instruments LM2665 Datasheet HTML 11Page - Texas Instruments LM2665 Datasheet HTML 12Page - Texas Instruments LM2665 Datasheet HTML 13Page - Texas Instruments LM2665 Datasheet HTML 14Page - Texas Instruments LM2665 Datasheet HTML 15Page - Texas Instruments LM2665 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
12
LM2665
SNVS009H – NOVEMBER 1999 – REVISED MARCH 2016
www.ti.com
Product Folder Links: LM2665
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Figure 14. Generate a Regulated 5-V from 3-V Input Voltage
9.2.1.3 Application Curve
Figure 15. Efficiency vs Load Current
9.2.2 Splitting V+ In Half
Another interesting application shown in Splitting Vin in Half is using the LM2665 as a precision voltage divider.
This circuit can be derived from the voltage doubler by switching the input and output connections. In the voltage
divider, the input voltage applies across the OUT pin and the GND pin (which are the power rails for the internal
oscillator), therefore no start-up diode is needed. Also, since the off-voltage across each switch equals VIN/2, the
input voltage can be raised to 11 V.
Figure 16. Application Circuit for Splitting Voltage
10 Power Supply Recommendations
The LM2665 is designed to operate from as an inverter over an input voltage supply range between 2.5 V and
5.5 V when the LV pin is grounded. This input supply must be well regulated and capable to supply the required
input current. If the input supply is located far from the device, additional bulk capacitance may be required in
addition to the ceramic bypass capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com