Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS31002CS Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS31002CS
Description  Tong Ringer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS31002CS Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS31002CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS31002CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS31002CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS31002CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS31002CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS31002CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS31002CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS31002CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS31002
Tong Ringer
5/8
Version: A07
Application Note
Pin 2 allows connection of an external resistor RSL, which is used to program the slope of the supply current vs supply
voltage characteristics (see Fig2), and hence the supply current up to the initiation voltage ( VSI ). This initiation voltage
remains constant independent of RSL.
The supply current drawn prior to triggering varies inversely with RSL, decreasing for increasing value of resistance.
Thus, increasing the value of RSL will decrease the amount of AC ringing current required to trigger the device. As such,
longer sucribser loops are possible since less voltage is dropped per unit length of loop wire due to the lower current
level. RSL can also be used to compensate for smaller AC couplin capacitors (C5 on Fig 3) (higher impedance) to the
line which can be used to alter the ringer equivalence number of a tone ringer circuit.
The graph in Fig2 illustrates the variation of supply current with supply voltage. Three curves are drawn to show the
variation of initiation current with RSL. Curve B( RSL=6.8KΩ) shows the I-V characteristic for the TS31002 tone ringer.
Curve A is a plot with RSL<6.8KW and shows an increase in the current drawn up to the initiation voltage VSI. The
I-V characteristic after initiation remains unchanged. Curve C illustrates the effect of increasing RSL above 6.8KW
initiation current decreases but again current after triggering is unchanged.
Characteristics Curve
Figure 4.
Figure 5.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com