Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM337 Datasheet(PDF) 20 Page - Texas Instruments

Part # LM337
Description  LMx37 3-Terminal Adjustable Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM337 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM337 Datasheet HTML 16Page - Texas Instruments LM337 Datasheet HTML 17Page - Texas Instruments LM337 Datasheet HTML 18Page - Texas Instruments LM337 Datasheet HTML 19Page - Texas Instruments LM337 Datasheet HTML 20Page - Texas Instruments LM337 Datasheet HTML 21Page - Texas Instruments LM337 Datasheet HTML 22Page - Texas Instruments LM337 Datasheet HTML 23Page - Texas Instruments LM337 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
www.ti.com
PACKAGE OUTLINE
C
5.460
4.953
10.41
9.40
2.29
4.58
3X
0.890
0.635
1.02
0.61
1.27
0.89
2.52 MAX
0.61
0.46
4.32
MIN
5.21 MIN
-8
0
0.13
0.00
1.78
1.40
0.61
0.46
A
6.70
6.35
B
6.22
5.97
0.51
GAGE PLANE
TO-252 - 2.52 mm max height
KVU0003A
TO-252
4218915/A 02/2017
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Shape may vary per different assembly sites.
4. Reference JEDEC registration TO-252.
1
2
3
0.25
C A B
OPTIONAL
NOTE 3
SCALE 1.500
SEE DETAIL A
EXPOSED
THERMAL PAD
NOTE 3
1
2
3
4
A 7.000
DETAIL A
TYPICAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com