Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSS1 Datasheet(PDF) 3 Page - TT Electronics.

Part # PSS1
Description  Slim Slide Potentiometer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PSS1 Datasheet(HTML) 3 Page - TT Electronics.

  PSS1 Datasheet HTML 1Page - TT Electronics. PSS1 Datasheet HTML 2Page - TT Electronics. PSS1 Datasheet HTML 3Page - TT Electronics. PSS1 Datasheet HTML 4Page - TT Electronics. PSS1 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Slim Slide Potentiometer
PSS1 Series
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Document #: ________________
TT Electronics | BI Technologies
Circulo de la Amistad #102 PIMSA IV Mexicali B.C. Mexico C.P 21210
Ph: + 1 (714) 447-2345
www.ttelectronics.com/bi-technologies
Rev - 06/2019 Page 3
Ordering Information
PSS1
20
N
00
N
09
B
102
1
Part Family
Slide Travel
20 mm
30 mm
Motor Option
N - None
Gang Number
1 - 1 Gang
Detents
00 - No Position
01 - Center Detent
Indicator Color
N - Cap, No Color
W - Cap, White Color Indicator
R - Cap, Red Color Indicator
Lever Height (mm) - L
09 - 9.5 mm
Resistance Taper
B - Linear (1B)
W - Logarithmic (4B)
Resistance
See Resistance Table
Resistance Table
Resistance
(Ohms)
Code
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
200,000
204
500,000
504
1,000,000
105
OBSOLETE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com