Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC250 Datasheet(PDF) 8 Page - TT Electronics.

Part # SC250
Description  Metal Tube Flowmeters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SC250 Datasheet(HTML) 8 Page - TT Electronics.

  SC250 Datasheet HTML 1Page - TT Electronics. SC250 Datasheet HTML 2Page - TT Electronics. SC250 Datasheet HTML 3Page - TT Electronics. SC250 Datasheet HTML 4Page - TT Electronics. SC250 Datasheet HTML 5Page - TT Electronics. SC250 Datasheet HTML 6Page - TT Electronics. SC250 Datasheet HTML 7Page - TT Electronics. SC250 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Metal Tube Flowmeters
SC250
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue C
02/2023 Page 8
TT Electronics | Roxspur Measurement & Control
2 Downgate Drive, Sheffield, South Yorkshire, S4 8BT, UK |Ph: +44 (0) 114-244-2521
www.ttelectronics.com | sheffield.admin@ttelectronics.com
Transmitter and Totalizer
Transmitter TH7T
The TH7T electronic transmitters provide an analog output
proportional to the flow rate and a digital output. They include
a display for volume totalization. They are based on the Hall
effect and mounted inside the indicator housing.
•
TH7T
Transmitter + totalizer
•
Optional HART protocol version available
•
TH7TH
Transmitter + totalizer + HART protocol
TH7T Ex
Both limit switches AMD and electronic
transmitters TH7T can be mounted together in
the same housing.
The TH7T Ex transmitters belong to group II.
They are intended for use in potentially
explosive atmospheres, except in mining.
ATEX version (EX ia IIC T4 or T6)
Technical data
•
ATEX certificate Ex II 1 GD
•
Power supply: 14...30VDC, 2-wire system
•
Power consumption: 4-20mA for 0… 100% of scale
•
4-20mA analog output:
•
Error: <0.6% of magnet position
•
Maximum load in 4-20mA loop: 900Ω (with 30
VDC power supply)
•
Totalizer: 8 digits, 4.5mm high. Reset by potential free
contact
•
Ambient temperature: -5°C — 40°C
Float Damping System
(For gas and steam applications)
Ceramic, PEEK or metallic piston system for avoiding float
oscillations in flowmeters for gas and steam service,
obtaining stable readings even with very low working
pressures and low gas densities.
Available for DN15...DN80
 Upper float stop
 Float
 Piston
 Piston locking circlip
 Guide cylinder
 Circlips for locking upper float stop & guide cylinder
1
2
3
4
5
6
Quality management System ISO 9001 certified by
Pressure Equipment Direction 97/23/CE certified by
ATEX European Directive 94/9/CE certified by
HART is a registered trademark of HART® Communication Foundation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com