Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-IOD003V1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STEVAL-IOD003V1
Description  IO-Link (PHY) device evaluation board based on L6362A with Arduino connectors for STM32 Nucleo
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IOD003V1 Datasheet(HTML) 3 Page - STMicroelectronics

  STEVAL-IOD003V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IOD003V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IOD003V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IOD003V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-IOD003V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Figure 3. STEVAL-IOD003V1 circuit schematic (3 of 4): ST morpho connectors
14
15
PC11
PB3
PA12
PC5
U5V
PB15/PA7
PD8
PB5
PA7
PB14/PA6
PA5
PA11
PB9
PB1
PB6
PC9
PB2
PC7
PC4
PC8
PA10
PA9
PA3
PA6
PA8
PB11
PC6
PB12
PB10
PA2
PB13/PA5
PB4
PB8
A0
30
2
19
23
31
CN10
14
15
PA14
BOOT0
VDD
PC0
(PC14)
PC3
(PC15)
PC1
(PF0)
PA13
PC2
PC12
PA15
VBAT/VLCD
PD2
PB7
PC13
PA0
PC10
PB0
PF1
A4
D9
27
A1
AVDD
24
3
24
25
D2
D10
1
28
CON38
D1
28
11
16
25
16
17
4
26
27
2
13
38
IOREF
VIN
D7
20
34
NRST
10
21
33
E5v0
3
5
36
8
22
D13
D4
21
D5
6
12
13
34
35
4
23
7
22
32
33
17
5V
CN7
D14
5
A5
D0
35
7
D15
29
31
D8
37
D6
12
32
1
26
3v3
30
6
9
D3
D12
36
8
9
D11
10
11
29
CON38
A2
19
37
18
A3
20
38
18
PA1
PA0
Figure 4. STEVAL-IOD003V1 circuit schematic (4 of 4): supply voltage
OL
IN2
IN1
IN2
IN1
DIAG
EN
OUT I/Q
OL
OUT /IQ
EN
DIAG
default closed
4
8
I2C_SDA
I2C_SCL
A
INTERRUPT
CN11
10
VCC
CON6AP
VIN
330nF
LDO1
6
3V3
B
100nF
2
C10
3V3
C11
(to NUCLEO)
default closed
7
5
JP4
I2C_SCL
9
INTERRUPT
I2C_SDA
B
A
3
JP5
1
L-
DI/DQ/2L+
OUTH
L+
BAT54KFILM
JP2
3
1
DI/DQ
A
2
5
B
IO-Link device supply voltage (7 - 36 V)
C/Q
2L-
OUTL
I/Q
VCC
1
R9
22k
1
SW1
2
B
2
4
CON6AP
3
JP1
A
4
D1
CN1
STEVAL-IOD003V1
STEVAL-IOD003V1 schematic diagrams
DB3634 - Rev 1
page 3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com