Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR1108L-33-AB3-A-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LR1108L-33-AB3-A-R
Description  1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1108L-33-AB3-A-R Datasheet(HTML) 5 Page - Unisonic Technologies

  LR1108L-33-AB3-A-R Datasheet HTML 1Page - Unisonic Technologies LR1108L-33-AB3-A-R Datasheet HTML 2Page - Unisonic Technologies LR1108L-33-AB3-A-R Datasheet HTML 3Page - Unisonic Technologies LR1108L-33-AB3-A-R Datasheet HTML 4Page - Unisonic Technologies LR1108L-33-AB3-A-R Datasheet HTML 5Page - Unisonic Technologies LR1108L-33-AB3-A-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LR1108
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R102-031.B
ELECTRICAL CHARACTERISTICS(Cont.)
Note 1. Conditions for which the device is intended to be functional is indicated by operating ratings, but specific
performance limits isn’t be guaranteed. To make sure of specifications and test conditions, read Electrical
Characteristics. Only for the test conditions listed the guaranteed specifications can be applied. When the
device is not operated under the listed test conditions some performance characteristics may degrade.
2. Devices must be derated based on package thermal resistance at elevated temperatures.
3. The most likely parametric norm represents at 25℃.
4. The LR1108 output must be diode-clamped to ground. If used in a dual-supply system where the regulator
load is returned to a negative supply.
5. Between the VIN and VOUT terminals the output PMOS structure contains a diode. This diode is reverse
biased normally. If the voltage at the output terminal is forced to be higher than the voltage at the input
terminal this diode will get forward biased. This diode can withstand 1Amp of peak current and 200mA of DC
current typically.
6. Output voltage line regulation is the change in output voltage from the nominal value which is due to change
in the input line voltage. Which is defined as the change in output voltage from the nominal value due to
change in load current is output voltage load regulation. The load regulation and line regulation specification
include the typical number only. But, the limits for load and line regulation are included in the output voltage
tolerance specification.
7. Error Flag hysteresis and threshold are specified as regulated output voltage’s percentage.
8. At which the output drops 2% below the normal value dropout voltage is defined as the minimum input to
output differential voltage. Only to output voltages of 2.5V and above dropout voltage specification applies.
For output voltages below 2.5V, since the minimum input voltage is 2.5V, the drop-out voltage is nothing but
the input to output differential.
9. Specification has been tested at −40℃ ≤ TJ ≤ 85℃cause under shutdown conditions the temperature rise of
the device is negligible.
10. The minimum operating VIN value is equal to [VOUT(NOM) + VDROPOUT] or 2.5V, just the greater.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com