Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR1108L-2J-AB3-C-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LR1108L-2J-AB3-C-R
Description  1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1108L-2J-AB3-C-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LR1108L-2J-AB3-C-R Datasheet HTML 1Page - Unisonic Technologies LR1108L-2J-AB3-C-R Datasheet HTML 2Page - Unisonic Technologies LR1108L-2J-AB3-C-R Datasheet HTML 3Page - Unisonic Technologies LR1108L-2J-AB3-C-R Datasheet HTML 4Page - Unisonic Technologies LR1108L-2J-AB3-C-R Datasheet HTML 5Page - Unisonic Technologies LR1108L-2J-AB3-C-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LR1108
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R102-031.B
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage (Operating), (Note 10)
2.5~7.0
V
Input Voltage (Survival)
VIN
-0.3~+7.5
V
Shutdown Input Voltage
VIN(SHDN)
-0.3~VIN+0.3
V
Output Voltage (Survival), (Note 4), (Note 5)
VOUT
-0.3~+7.5
V
IOUT (Survival)
Short Circuit Protected
Maximum Voltage for ERROR Pin
VIN+0.3
V
Maximum Operating Current (DC)
1
A
Power Dissipation (Note 2)
PD
Internally Limited
Junction Temperature
TJ
+125
℃
Operating Temperature
TOPR
-40~+125
℃
Storage Temperature
TSTG
-65~+150
℃
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature
range.
(TJ = 25℃, VIN = VO(NOM) + 1V, IL = 10 mA, COUT = 2.2µF, VSD = VIN-0.3V, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage Tolerance (Note 6)
VOUT
0 mA ≤ IL ≤ 1A
VOUT +1 ≤ VIN≤ 7.0V
-1.5
-3
0
+1.5
+3
%
Output Voltage Line Regulation (Note 6)
V
△ OUT
VOUT+1V<VIN<7.0V
0.05
%
Output Voltage Load Regulation (Note 6)
V
△ OUT/I
△ OUT 10 mA < IL < 1A
0.04
%
Dropout Voltage (Note 8)
VD
IL = 1A
300
500
mV
IL = 0 mA
200
Ground Pin Current In Normal Operation
Mode
IGND
IL = 1A
300
uA
Peak Output Current
IO(PEAK)
(Note 2)
600
800
mA
SHORT CIRCUIT PROTECTION
Short Circuit Current
ISC
2
A
OVER TEMPERATURE PROTECTION
Shutdown Threshold
TSHDN(THR)
165
℃
Thermal Shutdown Hysteresis
TSHDN(HYS)
10
℃
SHUTDOWN INPUT
Output = High
VIN-0.3
VIN
Shutdown Threshold
VSHDN
Output = Low
0
0.2
V
Turn-off Delay
tD(OFF)
IL = 1A
20
µs
Turn-on Delay
tD(ON)
IL = 1A
25
µs
SD Input Current
ISD
VSD = VIN
1
nA
ERROR FLAG COMPARATOR
ERROR Flag Saturation
VEF(SAT)
ISINK = 100µA
0.02
0.1
V
ERROR Flag Pin Leakage Current
II(LEAK)
1
nA
Threshold
VT
(Note 7)
5
10
16
%
Threshold Hysteresis
VTHR
(Note 7)
2
5
8
%
Flag Reset Delay
tD
1
µs
AC PARAMETERS
VIN = VOUT + 1.5V
COUT=100uF, VOUT = 3.3V
60
Ripple Rejection
PSRR
VIN = VOUT + 0.3V
COUT=100uF, VOUT = 3.3V
40
dB
Output Noise Density
ρn(l/f)
f = 120Hz
0.8
µV
BW = 10Hz – 100kHz
150
Output Noise Voltage
eN
BW = 300Hz – 300kHz
100
µVrms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com