Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

320577 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 320577
Description  PIDG TERMINALS & SPLICES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

320577 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  320577 Datasheet HTML 1Page - TE Connectivity Ltd 320577 Datasheet HTML 2Page - TE Connectivity Ltd 320577 Datasheet HTML 3Page - TE Connectivity Ltd 320577 Datasheet HTML 4Page - TE Connectivity Ltd 320577 Datasheet HTML 5Page - TE Connectivity Ltd 320577 Datasheet HTML 6Page - TE Connectivity Ltd 320577 Datasheet HTML 7Page - TE Connectivity Ltd 320577 Datasheet HTML 8Page - TE Connectivity Ltd 320577 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AUTOMATION & CONTROL /// PIDG TERMINALS & SPLICES
TE Connectivity
PIDG Terminals & Splices
Ring Tongue Terminals
Manual Hand Tools
Die Sets for Powered Tools
(See Note 1 for Powered
Tool Options)
Wire Size
Studsize
Standard
Part
Number
Width (W)
Length (L)
Color
Max. Wire
Insulation Dia. Also available in
8
Re-
marks
Certi-
Crimp
Hand Tool
UL Apvd
Mil-Spec
Certified
Hand
Tool
Pro-
Crimper
(SDE)
Hand Tool
SDE Die Set
(Premium)
UL Apvd
SDE Die Set
(Commercial)
AWG
mm2
U.S. mm
inch
mm
inch
mm
inch
mm
Tape &
Reel
Small
Pack
26 - 24 0,12 - 0,24 2
M2
54310-1 .203
5,16
.739
18,77
●
.105
2,67
0,6
46121
4
M2.5
52189
.203
5,16
.736
18,69
●
.105
2,67
0,6
46121
6
M3.5
53073
.250
6,35
.792
20,12
●
.105
2,67
0,6
46121
8
M4
54311-1
.281
7,14
.814
20,68
●
.105
2,67
0,6
46121
10
54312-1
.312
7,92
.868
22,05
●
.105
2,67
✔
0,6
46121
26 - 22 0,12 - 0,41
0
321013
.140
3,56
.525
13,34
●
.082
2,08
46121
2
M2
323912
.140
3,56
.525
13,34
●
.082
2,08
✔
✔
46121
2
M2
329951
.140
3,56
.615
15,62
●
.082
2,08
46121
4
M2.5
323914
.203
5,16
.646
16,41
●
.082
2,08
✔
✔
6
46121
6
M3.5
326875 .250
6,35
.740
18,80
●
.082
2,08
✔
✔
6
46121
6
M3.5
323915
.203
5,16
.646
16,41
●
.082
2,08
✔
✔
46121
8
M4
323916
.250
6,35
.740
18,80
●
.082
2,08
✔
✔
6
46121
10
324075 .250
6,35
.765
19,43
●
.082
2,08
✔
✔
6
46121
24 - 20 0,16 - 0,65 2
M2
329636
.106
4,06
.589
14,96
●
.100
2,54
47907-1
4
M2.5
323985
.281
7,14
.774
19,66
●
.100
2,54
47907-1
6
M3.5
323986
.281
7,14
.774
19,66
●
.100
2,54
✔
47907-1
8
M4
323989
.312
7,92
.821
20,85
●
.100
2,54
✔
47907-1
10
323990 .312
7,92
.821
20,85
●
.100
2,54
✔
47907-1
22 - 16 0,26 - 1,65 2
M2
328657
.218
5,54
.672
17,07
●
.125
3,18
✔
✔
47386
59250
58433-3
2063030-1
58423-1
4
M2.5
320553
.218
5,54
.672
17,07
●
.125
3,18
✔
✔
6
47386
59250
58433-3
2063030-1
58423-1
4
M2.5
31880
.218
5,54
.672
17,07
●
.140
3,65
✔
✔
6
47386
59250
58433-3
2063030-1
58423-1
4
M2.5
323758
.250
6,35
.844
21,44
●
.125
3,18
✔
47386
59250
58433-3
2063030-1
58423-1
4
M2.5
330648 .250
6,35
.844
21,44
●
.140
3,56
✔
47386
59250
58433-3
2063030-1
58423-1
6
M3.5
51863
.250
6,35
.782
19,86
●
.125
3,18
✔
✔
47386
59250
58433-3
2063030-1
58423-1
6
M3.5
36151
.281
7,14
.797
20,24
●
.125
3,18
✔
✔
47386
59250
58433-3
2063030-1
58423-1
6
M3.5
36152
.281
7,14
.797
20,24
●
.140
3,56
✔
✔
47386
59250
58433-3
2063030-1
58423-1
6
M3.5
36149
.218
5,54
.672
17,07
●
.125
3,18
✔
✔
6
47386
59250
58433-3
2063030-1
58423-1
6
M3.5
36150
.218
5,54
.672
17,07
●
.140
3,56
✔
✔
6
47386
59250
58433-3
2063030-1
58423-1
8
M4
320554 .281
7,14
.797
20,24
●
.125
3,18
✔
✔
47386
59250
58433-3
2063030-1
58423-1
8
M4
31886
.281
7,14
.797
20,24
●
.140
3,56
✔
✔
47386
59250
58433-3
2063030-1
58423-1
8
M4
320551
.312
7,92
.844
21,44
●
.125
3,18
✔
6
47386
59250
58433-3
2063030-1
58423-1
8
M4
31890
.312
7,92
.844
21,44
●
.140
3,56
✔
✔
6
47386
59250
58433-3
2063030-1
58423-1
10
320552
.281
7,14
.797
20,24
●
.125
3,18
✔
47386
59250
58433-3
2063030-1
58423-1
10
31887
.281
7,14
.797
20,24
●
.140
3,56
✔
✔
47386
59250
58433-3
2063030-1
58423-1
10
36153
.312
7,92
.844
21,44
●
.125
3,18
✔
✔
6
47386
59250
58433-3
2063030-1
58423-1
10
36154
.312
7,92
.844
21,44
●
.140
3,56
✔
✔
6
47386
59250
58433-3
2063030-1
58423-1
M5
130008
.312
7,92
.850
21,60
●
.140
3,56
✔
✔
47386
59250
58433-3
2063030-1
58423-1
1/4
M6
320571
.469
11,91
1.078 27,38
●
.125
3,18
✔
✔
6
47386
59250
58433-3
2063030-1
58423-1
1/4
M6
31894
.469
11,91
1.078 27,38
●
.140
3,56
✔
✔
6
47386
59250
58433-3
2063030-1
58423-1
M6
130046 .469
11,91
1.083 27,50
●
.140
3,56
✔
47386
59250
58433-3
2063030-1
58423-1
5/16 M8
320572 .469
11,91
1.078 27,38
●
.125
3,18
✔
6
47386
59250
58433-3
2063030-1
58423-1
5/16 M8
31895
.469
11,91
1.078 27,38
●
.140
3,56
✔
✔
6
47386
59250
58433-3
2063030-1
58423-1
3/8
320573
.531
13,49
1.218 30,94
●
.125
3,18
✔
6
47386
59250
58433-3
2063030-1
58423-1
3/8
31897
.531
13,49
1.218 30,94
●
.140
3,56
✔
✔
6
47380
59250
58433-3
2063030-1
58423-1
1/2 M12
328975
.713
18,11
1.293 32,84
●
.125
3,18
✔
6
47380
59250
58433-3
2063030-1
58423-1
L
W
MATERIAL
Insulation: Nylon, UL 94V-2
Terminal Body: Copper per ASTM B-152
Plating: Tin per ASTM B-545
Metallic Sleeve: Copper per ASTM B-152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com