Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STI1010 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STI1010
Description  Single-chip worldwide iDTV processor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI1010 Datasheet(HTML) 1 Page - STMicroelectronics

  STI1010 Datasheet HTML 1Page - STMicroelectronics STI1010 Datasheet HTML 2Page - STMicroelectronics STI1010 Datasheet HTML 3Page - STMicroelectronics STI1010 Datasheet HTML 4Page - STMicroelectronics STI1010 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
December 2007
Rev 1
1/5
5
STi1010
Single-chip worldwide iDTV processor
Features
32-Bit RISC ST40 CPU, 266 MHz, 480 MIPs
DDR2 unified memory interface, 250 MHz clock
Transport stream demultiplexer with DES, DVB and
Multi2 descrambler
CableCard and DVB-CI interface
MP@ML and MP@HL MPEG2 video decoder
24-bit audio DSP core, MPEG1(layers 1,2,3),
MPEG2, MPEG2-AAC, Dolby® Digital,
MP3 decoder
Analog video input: CVBS, SVHS(Y/C), Component
(from SD up to HD 720p, 1080i, 1080p)
PC input, analog RGB up to UXGA/60 Hz (162 MHz
sampling frequency)
24-bit digital video input, up to 1080p and
UXGA/60 Hz
HDMI/HDCP input, RGB/YCrCb up to 1080p,
UXGA/60 Hz support, stereo and 5.1 multi-channel
audio. Compliant with HDMI 1.3, DVI 1.0,
HDCP v1.3
USB2.0 high speed interface (480 Mbits/s)
High definition video processor
Multi-standard color decoder (PAL/SECAM/NTSC),
with 3D comb filtering in NTSC and PAL, Luma and
Chroma spatio-temporal (3D) noise reduction
Double video pipe for Picture In Picture (PIP) display
2D graphic accelerator and enhanced True color on
screen display. Bitmap OSD generated at panel
resolution
Video and graphic composition for Picture And Text
(PAT), Picture And Graphic (PAG), mosaic
Exhaustive set of peripherals for DTV chassis
control
Dual LVDS output for flat panel display support, up
to full HD 1920 × 1080p resolution
.
Package FPBGA 27×27, 700 balls, pitch 0.8 mm
MPEG-2
Audio Decoder (DSP)
Chassis Control
(IT, WDG, RTC, ADC, IR,
PWM, UARTs, I2C...)
PIOs
Main
Video pipe
FMD/DEi
2D GFx
GFx
ST Bus On-Chip Interconnect
Aux Video*
DENC
CA Interfaces
TS Processing
(SD / HD)
MPEG1, MPEG2, MP3
Video Decoder
TSin
HD/D1 in
STi1010
3D-NR
24/16/8-bit
ADC ADC ADC
Digital
Decoder
D1/HD
HDMI/
input
ADC
3D Comb
DAC DAC DAC
HDCP
HD H/V syncs
accelerator
Dolby Digital, AAC
Text/CC
VBI denc
digital in.
Local
Memory
Interface
DDR2-500
LMI
External
Memory
Interface
NAND/NOR
EMI
Flash
ST40
266 MHz,
480 MIPs
16K-I
32K-D
CPU
Clock
Mgt
VTG
main
and aux
System
JTAG
Advance
User
Debug
USB2.0
HOST
H/V SRC IQI
planes
(×2)
Main Compositor
Secondary*
Video pipe
DEi-light
H/V SRC
Gamma, Color warping, PCE
MUX
Aux
Compo.
Dual LVDS transmitter
www.st.com


Similar Part No. - STI1010

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
STI1000 AEROFLEX-STI1000 Datasheet
209Kb / 4P
Synthetic Test Systems
logo
STMicroelectronics
STI100N10F7 STMICROELECTRONICS-STI100N10F7 Datasheet
652Kb / 28P
N-channel 100 V, 6.8 mΩ typ., 80 A STripFET™ F7 Power MOSFETs in D2PAK, DPAK, TO-220FP, I2PAK and TO-220 packages
18-Jun-2018
STI10N62K3 STMICROELECTRONICS-STI10N62K3 Datasheet
954Kb / 17P
N-channel 620 V, 0.68 廓 typ., 8.4 A SuperMESH3?
13-Sep-2012
logo
Inchange Semiconductor ...
STI10N62K3 ISC-STI10N62K3 Datasheet
285Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STI10NM60N STMICROELECTRONICS-STI10NM60N Datasheet
702Kb / 12P
N-channel 600 V, 0.53 Ω typ.,10 A MDmesh™ II Power MOSFET in I²PAK package
02-Dec-2015
More results

Similar Description - STI1010

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65849BFP MITSUBISHI-M65849BFP Datasheet
84Kb / 15P
SINGLE CHIP SURROUND PROCESSOR
logo
Toshiba Semiconductor
TC9263AF TOSHIBA-TC9263AF Datasheet
649Kb / 16P
CD SINGLE-CHIP PROCESSOR
TC9283F TOSHIBA-TC9283F Datasheet
743Kb / 16P
CD SINGLE-CHIP PROCESSOR
logo
Micronas
VDP3108 MICRONAS-VDP3108 Datasheet
2Mb / 61P
Single-Chip Video Processor
logo
Mitsubishi Electric Sem...
M658489BFP MITSUBISHI-M658489BFP Datasheet
84Kb / 15P
SINGLE CHIP SURROUND PROCESSOR
logo
STMicroelectronics
STD2000 STMICROELECTRONICS-STD2000 Datasheet
262Kb / 11P
Single-Chip Worldwide iDTV Processor
01-Mar-2005
logo
Renesas Technology Corp
M65851FP RENESAS-M65851FP Datasheet
294Kb / 28P
Single Chip Karaoke Processor
M65849BFP RENESAS-M65849BFP Datasheet
4Mb / 16P
SINGLE CHIP SURROUND PROCESSOR
M65849CFP RENESAS-M65849CFP Datasheet
298Kb / 23P
SINGLE CHIP SURROUND PROCESSOR
logo
STMicroelectronics
FLI7510 STMICROELECTRONICS-FLI7510 Datasheet
179Kb / 9P
Worldwide H.264/MPEG decoder Faroudja video processing iDTV SoC
08-Dec-2009
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com