Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D52003 Datasheet(PDF) 2 Page - SHAOXING SILICORE TECHNOLOGY CO., LTD

Part # D52003
Description  AM/FM RADIO IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICORE [SHAOXING SILICORE TECHNOLOGY CO., LTD]
Direct Link  https://en.silicore.com.cn/
Logo SILICORE - SHAOXING SILICORE TECHNOLOGY CO., LTD

D52003 Datasheet(HTML) 2 Page - SHAOXING SILICORE TECHNOLOGY CO., LTD

  D52003 Datasheet HTML 1Page - SHAOXING SILICORE TECHNOLOGY CO., LTD D52003 Datasheet HTML 2Page - SHAOXING SILICORE TECHNOLOGY CO., LTD D52003 Datasheet HTML 3Page - SHAOXING SILICORE TECHNOLOGY CO., LTD D52003 Datasheet HTML 4Page - SHAOXING SILICORE TECHNOLOGY CO., LTD D52003 Datasheet HTML 5Page - SHAOXING SILICORE TECHNOLOGY CO., LTD D52003 Datasheet HTML 6Page - SHAOXING SILICORE TECHNOLOGY CO., LTD D52003 Datasheet HTML 7Page - SHAOXING SILICORE TECHNOLOGY CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Silicore
D52003
SHAOXING SILICORE TECHNOLOGY CO.,LTD
www. Silicore. com. cn
CHMC
2/7
MAXIMUM RATINGS (Ta=25 ° C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Vo ltage
Vcc
8
V
DIP-16
750
Power Dissipation
SSOP-16
PD(Note)
350
mW
Operating Te m p erature
Topr
-25~75
° C
S t orage Te m p erature
Ts tg
-55~150
° C
(Note):
Derated ab ove Ta =25 ° C in the proportion of 6 m W/ ° C fo r DIP16 and of
2.8m W/ ° C for SSOP16
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, Ta =25 ° C, Vcc=3V,
F / E : f = 9 8 M H z , f m = 1 K H z
FM IF :
f=10.7MHz, Δ f= ± 22.5KHz, fm =1KHz
AM
: f=1MHz ,MOD=30%,fm = 1KHz)
CHARACTER
SYMBO L
TEST
CIR-
CUIT
TEST
CONDITION
MIN T YP MA X
UNIT
Icc(FM)
1
FM m ode,Vin=0
-
10.5 16.5
Supply Current
Icc(AM)
1
AM m ode, Vi n=0
-
5.0
8.0
mA
Input Lim iting
Vo ltage
Vi n(lim )
1
-3dB lim iting
point
-
12
-
dBµV EMF
Quiescent
Sensitivity
Qs
1
S/N=30dB
-
12
-
dBµV EMF
Local OSC
Vo ltage
Vo sc
2
fosc=108MHz
160 240
320
m Vrm s
F/E
Local OSC
S t op Vo ltage
Vstop
(FM)
2
Vi n=0
-
1.2
-
V
Input Lim iting
Vo ltage
Vi n(lim )
IF
1
-3dB lim iting
point
42
47
52
dBµV EMF
Recovered
Output Vo ltage
V OD
1
Vi n=80dBµV EMF
5 0
70
90
m Vrm s
Signal to Noise
Ratio
S/N
1
Vi n=80dBµV EMF
-
62
-
dB
To tal Harm onic
Distortion
THD
1
Vi n=80dBµV EMF
-
0.4
-
%
FM
IF
AM Rejection
Ratio
AMR
1
Vi n=80dBµV EMF
-
33
-
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com