Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM2N60CP Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM2N60CP
Description  600V N-Channel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2N60CP Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM2N60CP Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM2N60CP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2N60CP Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2N60CP Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2N60CP Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM2N60CP Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM2N60CP Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM2N60CP Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TSM2N60
600V N-Channel Power MOSFET
2/8
Version: A07
Thermal Performance
Parameter
Symbol
Limit
Unit
TO-251 / TO-252
2.87
Thermal Resistance - Junction to Case
TO-220
RӨJC
2.32
oC/W
TO-251 / TO-252
110
Thermal Resistance - Junction to Ambient
TO-220
RӨJA
62.5
oC/W
Notes: Surface mounted on FR4 board t ≤ 10sec
Electrical Specifications (Ta = 25oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250uA
BVDSS
600
--
--
V
Drain-Source On-State Resistance
VGS = 10V, ID = 1A
RDS(ON)
--
--
4.4
Ω
Gate Threshold Voltage
VDS = VGS, ID = 250uA
VGS(TH)
2.0
--
4.0
V
Zero Gate Voltage Drain Current
VDS = 600V, VGS = 0V
IDSS
--
--
10
uA
Gate Body Leakage
VGS = ±20V, VDS = 0V
IGSS
--
--
± 100
nA
Forward Transconductance
VDS = 40V, ID = 1A
gfs
--
5
--
S
Diode Forward Voltage
IS = 2A, VGS = 0V
VSD
--
--
1.6
V
Dynamic
b
Total Gate Charge
Qg
--
13
22
Gate-Source Charge
Qgs
--
2
--
Gate-Drain Charge
VDS = 400V, ID = 2A,
VGS = 10V
Qgd
--
6
--
nC
Input Capacitance
Ciss
--
435
--
Output Capacitance
Coss
--
56
--
Reverse Transfer Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
Crss
--
9.2
--
pF
Switching
c
Turn-On Delay Time
td(on)
--
12
--
Turn-On Rise Time
tr
--
21
--
Turn-Off Delay Time
td(off)
--
30
--
Turn-Off Fall Time
VGS = 10V, ID = 2A,
VDD = 300V, RG = 18Ω
tf
--
24
--
nS
Notes:
a. Pulse test: pulse width <=300uS, duty cycle <=2%
b. For design reference only, not subject to production testing.
c. Switching time is essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com