Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT40 Datasheet(PDF) 1 Page - Alfatronix Ltd

Part # PT40
Description  PowerTector Series Low Voltage Disconnect
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFATRONIX [Alfatronix Ltd]
Direct Link  https://www.alfatronix.com/
Logo ALFATRONIX - Alfatronix Ltd

PT40 Datasheet(HTML) 1 Page - Alfatronix Ltd

  PT40 Datasheet HTML 1Page - Alfatronix Ltd PT40 Datasheet HTML 2Page - Alfatronix Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P
PPooow
w
we
eerrr C
CCooon
nnvvveeerrrsssiiiooon
nn for A
AAu
uutttooom
m
mo
ootttiiivvveee,,, C
CCooom
m
mm
m
mu
uun
nniiicccaaatttiiiooon
nnsss and M
M
Ma
aarrriiin
nneee A
AAp
ppp
ppllliiicccaaatttiiiooonnnsss
P
P
Pooow
w
weeerrrT
TTeeeccctttooorrr S
SSeeerrriiieeesss
LLLooow
w
w V
VVooollltttaaagggeee D
D
Diiissscccooonnnnnneeecccttt
All PowerTectors
from 40A upwards are mounted
in a rugged die cast aluminium casing
with glass filled polycarbonate cover
providing terminal protection and insulation.
The
PowerTector
Battery Guards
offer excellent
protection for
communication
and other
mission critical
applications
Switch terminal allows the unit
to be operated via the ignition or a
manual switch
Audible alarm and/or
Visual indicator can be
installed in the dashboard
or cockpit to alert operator
of a potential problem
Using the simple programming
terminal, select the pre-set
disconnect voltage according
to your requirements.
LED indicates
operational status.
Fully Programmable
All units in the range are supplied
pre-programmed for a variety of
scenarios offering higher or lower
disconnect voltages to and it is quick
and simple to select the correct
programme to suit your needs
whether it is to avoid battery damage
due or to protect key equipment.
A Wide Range and a
Multitude of Features
There are six units in the range from
10A to 200A. The 10A and 20A unit
offer a simple inline system, usually
wired to a specific piece of
equipment. These units do not
require chassis mounting and simply
connect and tie wrap neatly within the
wiring system.
The 40A and 60A units are connected
by M6 brass bolts and use a three
point mounting system to avoid
rocking or stress to the electronics
when mounted on uneven surfaces.
Heat is dissipated into our custom
manufactured die cast casing and all
units will operate at full power without
additional heatsinking dissipation.
The terminals are insulated from each
other using a solid polycarbonate top
assembly that provides physical
protection to avoid accidental short
circuit or unintentional current bypass
and also houses the programming
terminal. A multifunction LED
provides both programming and
status information and a connection is
also available to run a wire through to
the cockpit or dashboard where visual
and audible indicators such as lights
and buzzers can be attached to alert
the user of a potential problem.
IP65
Manual Shutdown Facility
From 40A upwards, the units also offer
the facility to fit a switched cable to
allow the unit to be connected directly
to the ignition or switch. In addition, the
100A and 200A units can have a
manual override switch. This ensures
that the operator investigates the
reason for disconnection prior to
resetting the device to allow emergency
actions to be performed.
IP65 Protection
All units are protected to IP65, so are
fully waterproof, using ultra high
performance flexible compound that
allows for the natural expansion and
contraction of the electronics without
the danger of component fracture
characteristic of many hard epoxy
based resins which can cause long
term failure. The extended life offered
by this method allows Alfatronix to offer
our full lifetime guarantee.
Alfatronix Limited, 29 Newtown Business Park, Poole, Dorset, BH12 3LL, England
Telephone: +44 (0)1202 715517. Fax: +44 (0)1202 715122
Website: www.alfatronix.com E mail: sales@alfatronix.com
An ISO9001:2000 Registered Company
Solid State Battery Guard
The PowerTector Battery Guard is a solid state device that will monitor the source
voltage and disconnect the equipment from the battery if the voltage falls below a
pre-determined level. This can work to ensure that there is always sufficient voltage
remaining in the battery to start a vehicle engine or ensure power is available for
other critical applications. The total discharge of a lead acid battery can also cause
damage to the cells significantly shortening the life of the battery, so the PowerTector
unit can also be set to disconnect equipment at a lower voltage that will still protect
the battery from total discharge, while allowing for maximum battery usage.


Similar Part No. - PT40

ManufacturerPart #DatasheetDescription
logo
Alfatronix Ltd
PT40 ALFATRONIX-PT40 Datasheet
106Kb / 2P
Solid State Battery GuardS
PT40-T ALFATRONIX-PT40-T Datasheet
106Kb / 2P
Solid State Battery GuardS
logo
API Delevan
PT400-1200 API-PT400-1200 Datasheet
145Kb / 4P
Power Toroids-Horizontal or Vertical Mount
PT400-1200 API-PT400-1200 Datasheet
1Mb / 4P
Power Toroids - Horizontal or Vertical Mount
PT400-1200-VM API-PT400-1200-VM Datasheet
145Kb / 4P
Power Toroids-Horizontal or Vertical Mount
More results

Similar Description - PT40

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
LVD12 XPPOWER-LVD12 Datasheet
56Kb / 1P
Low Volt Disconnect Module
logo
Crydom Inc.,
115-12VDC CRYDOM-115-12VDC Datasheet
1Mb / 5P
Low Voltage Disconnect
logo
Power Integrations, Inc...
SEN012 POWERINT-SEN012 Datasheet
1Mb / 8P
Zero Loss High Voltage Sense Signal Disconnect IC
logo
Weidmuller
0412120000 WEIDMULLER-0412120000 Datasheet
67Kb / 4P
Disconnect and modular disconnect terminal
logo
Carling Technologies
LBDP1-1-810-A-A-0-0-A CARLINGTECH-LBDP1-1-810-A-A-0-0-A Datasheet
484Kb / 3P
LBD-Series Battery Disconnect panel
logo
SHOUDING Shouding Semic...
SD5088 SHOUDING-SD5088 Datasheet
2Mb / 9P
Series low-voltage differential voltage regulator
logo
Littelfuse
24024 LITTELFUSE-24024 Datasheet
380Kb / 1P
24024 SERIES BATTERY DISCONNECT SWITCH
2018 Rev: 121818
48513 LITTELFUSE-48513 Datasheet
403Kb / 2P
COMPACT LOW VOLTAGE DISCONNECT
2019 Rev: 020419
48610 LITTELFUSE-48610 Datasheet
1Mb / 4P
FlexMod™ LOW VOLTAGE DISCONNECT
2017 Rev: 053117
logo
Power Integrations, Inc...
SEN012 POWERINT-SEN012_V01 Datasheet
956Kb / 8P
Zero1 Loss High Voltage Sense Signal Disconnect IC
May 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com