Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM10504TMX/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Part # LM10504TMX/NOPB
Description  LM10504 Triple Buck and LDO Power Management Unit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM10504TMX/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM10504TMX/NOPB Datasheet HTML 16Page - Texas Instruments LM10504TMX/NOPB Datasheet HTML 17Page - Texas Instruments LM10504TMX/NOPB Datasheet HTML 18Page - Texas Instruments LM10504TMX/NOPB Datasheet HTML 19Page - Texas Instruments LM10504TMX/NOPB Datasheet HTML 20Page - Texas Instruments LM10504TMX/NOPB Datasheet HTML 21Page - Texas Instruments LM10504TMX/NOPB Datasheet HTML 22Page - Texas Instruments LM10504TMX/NOPB Datasheet HTML 23Page - Texas Instruments LM10504TMX/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
20
LM10504
SNVS739F – DECEMBER 2011 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LM10504
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Device Functional Modes (continued)
7.4.4 DevSLP Function
The device can be placed into sleep (DevSLP) mode. There are two ways for doing that:
1. DevSLP pin
2. Programming through the SPI
Bucks 1 and 2 are ramped down when the disable signal is given. Buck 1 starts ramping 2 ms after Buck 2 has
started ramping.
To enter the DevSLP sequence:
1. Buck 3
→ PSML (Programmable DevSLP Mode Level)
2. 2-ms delay
3. Buck 2
→ Disabled
4. 2-ms delay
5. Buck 1
→ Disabled
7.4.4.1 DevSLP Pin
When the DevSLP pin is asserted high, the LM10504 enters sleep mode. While in sleep mode, Buck 1 and Buck
2 are disabled. Buck 3’s output voltage is transitioned to the programmable sleep mode level (PSML) as set by
LM10504 register 0x09. The DevSLP pin is internally pulled down, and there is a 1-s delay during power up
before the state of the DevSLP pin is checked.
NOTE
If Buck 1 and Buck 2 are already disabled, and the DevSLP pin is asserted high, then
Buck 3 does not go to PSML. For further instructions, see DevSLP Programming Through
SPI. Bucks 1 and 2 are ramped down when the disable signal is given. Buck 1 starts
ramping 2 ms after Buck 2 has started ramping.
To enter the sleep sequence:
1. Buck 3
→ PSML
2. 2-ms delay
3. Buck 2
→ Disabled
4. 2-ms delay
5. Buck 1
→ Disabled
An internal 22-kΩ pulldown resistor (±30%) is attached to the FB pin of Buck 1 and Buck 2. Buck 1 and 2 outputs
are pulled to ground level when they are disabled to discharge any residual charge present in the output circuitry.
When Sleep transitions to a low, Buck 1 is again enabled followed by Buck 2. Buck 3 goes back to its previous
state.
When waking up from sleep mode, the sequence is:
1. Buck 1
→ Previous state
2. 2-ms delay
3. Buck 2 and Buck 3 transition together
→ Previous state
7.4.4.2 DevSLP Programming Through SPI
There is no bit which has the same function as DevSLP pin. There is only one requirement programming
LM10504 into DevSLP mode through SPI. Setting LDO sleep mode bit high must be the last move when entering
DevSLP mode and programming the bit low when waking from DevSLP mode must be the first move. Disabling
or programming the Bucks to new level is the user’s decision based on power consumption and other
requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com