Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3485MMX/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LM3485MMX/NOPB
Description  LM3485 Hysteretic PFET Buck Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3485MMX/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM3485MMX/NOPB Datasheet HTML 10Page - Texas Instruments LM3485MMX/NOPB Datasheet HTML 11Page - Texas Instruments LM3485MMX/NOPB Datasheet HTML 12Page - Texas Instruments LM3485MMX/NOPB Datasheet HTML 13Page - Texas Instruments LM3485MMX/NOPB Datasheet HTML 14Page - Texas Instruments LM3485MMX/NOPB Datasheet HTML 15Page - Texas Instruments LM3485MMX/NOPB Datasheet HTML 16Page - Texas Instruments LM3485MMX/NOPB Datasheet HTML 17Page - Texas Instruments LM3485MMX/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
LM3485
SNVS178H – JANUARY 2002 – REVISED DECEMBER 2015
www.ti.com
7.4 Device Functional Modes
7.4.1 Start Up
The current limit circuit is active during start-up. During start-up the PFET will stay on until either the current limit
or the feedback comparator is tripped
If the current limit comparator is tripped first then the fold back characteristic should be taken into account. Start-
up into full load may require a higher current limit set point or the load must be applied after start-up.
One problem with selecting a higher current limit is inrush current during start-up. Increasing the capacitance
(CADJ) in parallel with RADJ results in soft-start. CADJ and RADJ create an RC time constant forcing current limit to
activate at a lower current. The output voltage will ramp more slowly when using the soft-start functionality. There
are example start-up plots for CADJ equal to 1 nF and 10 nF in Typical Characteristics. Lower values for CADJ will
have little to no effect on soft-start.
7.4.2 External Sense Resistor
The VDS of a PFET will tend to vary significantly over temperature. This will result an equivalent variation in
current limit. To improve current limit accuracy an external sense resistor can be connected from VIN to the
source of the PFET, as shown in Figure 26.
Figure 26. Current Sensing by External Resistor
7.4.3 PGATE
When switching, the PGATE pin swings from VIN (off) to some voltage below VIN (on). How far the PGATE will
swing depends on several factors including the capacitance, on time, and input voltage.
As shown in the Typical Characteristics, PGATE voltage swing will increase with decreasing gate capacitance.
Although PGATE voltage will typically be around VIN-5 V, with every small gate capacitances, this value can
increase to a typical maximum of VIN-8.3 V.
Additionally, PGATE swing voltage will increase as on time increases. During long on times, such as when
operating at 100% duty cycle, the PGATE voltage will eventually fall to its maximum voltage of VIN-8.3 V (typical)
regardless of the PFET gate capacitance.
The PGATE voltage will not fall below 0.4 V (typical). Therefore, when the input voltage falls below approximately
9 V, the PGATE swing voltage range will be reduced. At an input voltage of 7 V, for instance, PGATE will swing
from 7 V to a minimum of 0.4 V.
14
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: LM3485



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com