Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3525 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM3525
Description  LM3525 Single Port USB Power Switch and Over-Current Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3525 Datasheet(HTML) 4 Page - Texas Instruments

  LM3525 Datasheet HTML 1Page - Texas Instruments LM3525 Datasheet HTML 2Page - Texas Instruments LM3525 Datasheet HTML 3Page - Texas Instruments LM3525 Datasheet HTML 4Page - Texas Instruments LM3525 Datasheet HTML 5Page - Texas Instruments LM3525 Datasheet HTML 6Page - Texas Instruments LM3525 Datasheet HTML 7Page - Texas Instruments LM3525 Datasheet HTML 8Page - Texas Instruments LM3525 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LM3525
SNVS051D – FEBRUARY 2000 – REVISED MARCH 2013
www.ti.com
TYPICAL APPLICATION CIRCUIT
PIN DESCRIPTION
Pin Number
Pin Name
Pin Function
1
EN (LM3525-L)
Enable (Input): Logic-compatible enable input.
EN (LM3525-H)
2
FLG
Fault Flag (Output): Active-low, open-drain output. Indicates overcurrent, UVLO and thermal shutdown.
3
GND
Ground
4, 5
NC
Not internally connected.
7
IN
Supply Input: This pin is the input to the power switch and the supply voltage for the IC.
6, 8
OUT
Switch Output: This pin is the output of the high side switch. Pins 6 & 8 must be tied together.
Figure 3. Typical Application Circuit
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com