Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48822TL/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LM48822TL/NOPB
Description  LM48822 Boomer ™ Ground-Referenced, Ultra High PSRR, Ultra Low Noise, 35mW/Channel Stereo Headphone Amplifier with Common Mode Sense, and I2C Volume
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48822TL/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM48822TL/NOPB Datasheet HTML 3Page - Texas Instruments LM48822TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48822TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48822TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48822TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48822TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48822TL/NOPB Datasheet HTML 9Page - Texas Instruments LM48822TL/NOPB Datasheet HTML 10Page - Texas Instruments LM48822TL/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
0
10
20
30
40
50
60
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
THD+N = 1%
THD+N = 10%
0
50
100
150
200
250
300
0
25
50
75
100
OUTPUT POWER (mW)
VDD = 5V
VDD = 3.6V
VDD = 2.5V
POUT = POUTL + POUTR
0.01
0.1
1
10
100
0.001
0.01
0.1
OUTPUT POWER (W)
TWO CHANNELS
IN PHASE
HPVDD = 2.55V
HPVDD = 2.0V
0
50
100
150
200
250
300
350
400
450
0
25
50
75
100
OUTPUT POWER (mW)
VDD = 5V
VDD = 3.6V
VDD = 2.5V
POUT = POUTL + POUTR
0.01
0.1
1
10
100
0.1
1
10
100
OUTPUT POWER (mW)
VDD = 5V
VDD = 3.6V
VDD = 2.5V
0.01
0.1
1
10
100
0.1
1
10
100
OUTPUT POWER (mW)
VDD = 5V
VDD = 3.6V
VDD = 2.5V
LM48822, LM48822TLEVAL
www.ti.com
SNAS456C – MAY 2008 – REVISED MAY 2013
Typical Performance Characteristics (continued)
THD+N vs Output Power
THD+N vs Output Power
AV = 0dB, RL = 16Ω, f = 1kHz
AV = 0dB, RL = 32Ω, f = 1kHz
Both Outputs in Phase
Both Outputs in Phase
Figure 9.
Figure 10.
THD+N vs Output Power
AV = 9dB, RL = 16Ω, f = 1kHz
Power Dissipation vs Output Power
Both Outputs in Phase
RL = 16Ω, f = 1kHz
Figure 11.
Figure 12.
Power Dissipation vs Output Power
Output Power vs Supply Voltage
RL = 32Ω, f = 1kHz
RL = 16Ω, f = 1kHz
Figure 13.
Figure 14.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM48822 LM48822TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com