Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM49150TLEVAL Datasheet(PDF) 1 Page - Texas Instruments

Part # LM49150TLEVAL
Description  LM49150 Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49150TLEVAL Datasheet(HTML) 1 Page - Texas Instruments

  LM49150TLEVAL Datasheet HTML 1Page - Texas Instruments LM49150TLEVAL Datasheet HTML 2Page - Texas Instruments LM49150TLEVAL Datasheet HTML 3Page - Texas Instruments LM49150TLEVAL Datasheet HTML 4Page - Texas Instruments LM49150TLEVAL Datasheet HTML 5Page - Texas Instruments LM49150TLEVAL Datasheet HTML 6Page - Texas Instruments LM49150TLEVAL Datasheet HTML 7Page - Texas Instruments LM49150TLEVAL Datasheet HTML 8Page - Texas Instruments LM49150TLEVAL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LM49150, LM49150TLEVAL
www.ti.com
SNAS439C – AUGUST 2008 – REVISED MAY 2013
LM49150
Mono Class D Audio Subsystem with Earpiece
Driver and Stereo Ground Referenced Headphone Amplifiers
Check for Samples: LM49150, LM49150TLEVAL
1
FEATURES
APPLICATIONS
23
E2S Class D Amplifier
Mobile Phones
Ground Referenced Headphone Outputs —
PDAs
Eliminates Output Coupling Capacitors
Portable Electronics
I2C Volume and Mode Control
DESCRIPTION
Mono Earpiece Amplifier
The LM49150 is a fully integrated audio subsystem
Flexible Output for Speaker and Headphone
designed for portable handheld applications such as
Output
cellular phones. Part of TI's PowerWise™ product
20–Bump DSBGA Package
family, the LM49150 consumes very low power in the
various modes of operation and still providing great
Soft Enable Function
audio performance. The LM49150 combines a 1.25W
“Click and Pop” Suppression Circuitry
mono E2S (Enhanced Emission Suppression) class D
Thermal Shutdown Protection
amplifier,
135mW
Class
AB
earpiece
amplifier,
Low Supply Current
42mW/channel stereo ground reference headphone
amplifiers, volume control, and mixing circuitry into a
Micro-Power Shutdown
single device.
KEY SPECIFICATIONS
The filterless class D amplifier delivers 1.25W into an
8
Ω load with <1% THD+N with a 5V supply. The E2S
Output power at VDD = 5V:
class D amplifier features a patented, ultra low EMI
Speaker: RL = 8Ω BTL, THD+N ≤ 1%: 1.25W
PWM architecture that significantly reduces RF
(typ)
emissions
while
preserving
audio
quality.
The
42mW/channel
headphone
drivers
feature
TI’s
Headphone: RL = 32Ω SE, THD+N ≤ 1%:
ground referenced architecture that creates a ground-
42mW (typ)
referenced output from a single supply, eliminating
Earpiece: RL = 8Ω SE, THD+N ≤ 1%: 135mW
the need for bulky and expensive DC-blocking
(typ)
capacitors, saving space and minimizing cost.
Output power at VDD = 3.3V:
The LM49150 features a fully differential mono input,
Speaker: RL = 8Ω BTL, THD+N ≤ 1%:
and two single-ended stereo inputs. The three inputs
520mW (typ)
can be mixed/multiplexed to either the speaker or
headphone amplifiers. Each input channel has an
Headphone: RL = 32Ω BTL, THD+N ≤ 1%:
independent, 32-step digital volume control. The
42mW (typ)
headphone output stage features an additional, 8-
Earpiece: RL = 8Ω SE, THD+N ≤ 1%: 35mW
step gain control, while the speaker output stage has
(typ)
a selectable 6dB or 12dB gain. The mixer, volume
Output Offset
control and device mode select are controlled through
an I2C compatible serial interface.
LS Mode: 9mV (typ)
HP Mode: 1mV (typ)
The LM49150’s superior click and pop suppression
eliminates audible transients on power-up/down and
Earpiece: 1mV (typ)
during shutdown. The LM49150 is available in a ultra-
Single Supply Operation (VDD): 2.7 to 5.5V
small
20-bump
DSBGA
package
(2.225mm
X
I2C Single Supply Operation: 1.7 to 5.5V
2.644mm).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerWise is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM49150TLEVAL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM49150TLEVAL TI1-LM49150TLEVAL Datasheet
1Mb / 31P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
More results

Similar Description - LM49150TLEVAL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49250 NSC-LM49250_08 Datasheet
1Mb / 36P
Enhanced Emissions Suppression Stereo Class D Audio Sub-System with Ground Referenced Headphone Amplifier and Mono Earpiece
LM49151 NSC-LM49151 Datasheet
174Kb / 4P
Mono Class D Audio Subsystem with Earpiece Driver, Ground Referenced Headphone Amplifiers, Speaker Protection and No Clip with Clip Control
LM49150 NSC-LM49150 Datasheet
782Kb / 28P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
logo
Texas Instruments
LM49352 TI1-LM49352 Datasheet
2Mb / 112P
Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
LM49150 TI1-LM49150_14 Datasheet
1Mb / 31P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
LM49352 TI1-LM49352_14 Datasheet
1Mb / 104P
Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers Earpiece Driver, and Audio DSP
LM49352 TI-LM49352_15 Datasheet
2Mb / 106P
Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
LM49150 TI1-LM49150 Datasheet
1Mb / 31P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
LM49151 TI1-LM49151 Datasheet
1Mb / 34P
Audio Power Amplifier Series Mono Class D Audio Subsystem with Earpiece Driver, Ground Referenced Headphone Amplifiers, Speaker Protection and No Clip with Clip Control
LM49250 TI1-LM49250 Datasheet
1Mb / 36P
Enhanced Emissions Suppression Stereo Class D Audio Sub-System with Ground Referenced Headphone Amplifier and Mono Earpiece
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com