Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5111 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM5111
Description  LM5111 Dual 5-A Compound Gate Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5111 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5111 Datasheet HTML 8Page - Texas Instruments LM5111 Datasheet HTML 9Page - Texas Instruments LM5111 Datasheet HTML 10Page - Texas Instruments LM5111 Datasheet HTML 11Page - Texas Instruments LM5111 Datasheet HTML 12Page - Texas Instruments LM5111 Datasheet HTML 13Page - Texas Instruments LM5111 Datasheet HTML 14Page - Texas Instruments LM5111 Datasheet HTML 15Page - Texas Instruments LM5111 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
1
10
100
1000
FREQUENCY (kHz)
0.1
1
10
100
VCC = 15V
VCC = 10V
VCC = 5V
TA = 25°C
CL = 2200pF
100
1
1k
100
10k
CAPACITIVE LOAD (pF)
0.1
10
1000
f = 500kHz
f = 100kHz
f = 10kHz
TA = 25°C
VCC = 12V
12
LM5111
SNVS300H – JULY 2004 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: LM5111
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
Typical Application (continued)
9.2.2 Detailed Design Procedure
9.2.2.1 VCC
Although quiescent VCC current is very low, total supply current will be higher, depending on OUTA and OUTB
current and the programmed oscillator frequency. Total VCC current is the sum of quiescent VCC current and the
average OUT current. Knowing the operating frequency and the MOSFET gate charge (Qg), average OUT
current can be calculated using Equation 1.
IOUT = Qg × f
where
•
f is frequency
(1)
For the best high-speed circuit performance, two VCC bypass capacitors are recommended to prevent noise
problems. The use of surface mount components is highly recommended. A 0.1-µF ceramic capacitor should be
located closest to the VDD to ground connection. In addition, a larger capacitor (such as 1 µF and above) with
relatively low ESR should be connected in parallel, to help deliver the high current peaks to the load. The parallel
combination of capacitors should present a low impedance characteristic for the expected current levels in the
driver application.
9.2.3 Application Curves
Figure 13. Supply Current vs Frequency
Figure 14. Supply Current vs Capacitive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com