Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM95071 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM95071
Description  LM95071-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM95071 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM95071 Datasheet HTML 8Page - Texas Instruments LM95071 Datasheet HTML 9Page - Texas Instruments LM95071 Datasheet HTML 10Page - Texas Instruments LM95071 Datasheet HTML 11Page - Texas Instruments LM95071 Datasheet HTML 12Page - Texas Instruments LM95071 Datasheet HTML 13Page - Texas Instruments LM95071 Datasheet HTML 14Page - Texas Instruments LM95071 Datasheet HTML 15Page - Texas Instruments LM95071 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
SC
CS
SI/O
1
8
D14
D15
1
8
D7
1
8
D14
D15
1
8
TRI-
STATE
D8
D7
D6
D0
Data from the LM95071/
LM95071-Q1
Data from the Controller
D2
SC
CS
SI/O
1
8
D14
D15
1
8
D7
1
8
D14
D15
1
8
TRI-
STATE
D8
D7
D6
D0
Data from the LM95071/
LM95071-Q1
Data from the Controller
D2
12
LM95071-Q1
SNIS207 – DECEMBER 2018
www.ti.com
Product Folder Links: LM95071-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Programming (continued)
Figure 12. Writing Shutdown Mode
Figure 13. Writing Conversion Mode
8.6 Register Maps
8.6.1 Internal Register Structure
The LM95071-Q1 has three registers: the temperature register, the configuration register and the
Manufacturer/Device identification register. The temperature and Manufacturer/Device identification registers are
read only. The configuration register is write only.
8.6.1.1 Configuration Register
(Selects shutdown or continuous conversion modes):
Table 2. (Write Only):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
X
X
X
X
Shutdown
D0–D15 set to XX FF hex enables shutdown mode.
D0–D15 set to XX 00 hex sets continuous-conversion mode.
Note: setting D0-D15 to any other values may place the LM95071-Q1 into a manufacturer's test mode, upon
which the LM95071-Q1 will stop responding as described. These test modes are to be used for Texas
Instruments production testing only. See Serial Bus Interface for a complete discussion.
8.6.1.2 Temperature Register
Table 3. (Read Only):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MSB
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit1
LSB
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com