Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML0505FN Datasheet(PDF) 2 Page - TT Electronics.

Part # SML0505FN
Description  N-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SML0505FN Datasheet(HTML) 2 Page - TT Electronics.

  SML0505FN Datasheet HTML 1Page - TT Electronics. SML0505FN Datasheet HTML 2Page - TT Electronics. SML0505FN Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
N-CHANNEL
POWER MOSFET
SML0505FN
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8886
Issue 1
Page 2 of 3
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown
Voltage
VGS = 0
ID = 250µA
50
60
VGS(th)
Gate Threshold Voltage
VDS = VGS
ID = 250µA
2.0
4.0
V
IGSS
Gate-Source Leakage Current
VGS = ±20V
VDS = 0V
±100
nA
VDS = 40V
VGS = 0
25
IDSS
Zero Gate Voltage
Drain Current
VDS = 40V
TC = 125°C
250
µ
A
RDS(on)
(1)
Static Drain-Source
On-State Resistance
VGS = 10V
ID = 16A
50
mΩ
gfs
(1)
Forward Transconductance
VDS = 15V
ID = 16A
6
S
(1) Pulse test: tp ≤ 300µs , δ ≤ 2%
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
VGS = 0
1500
Coss
Output Capacitance
VDS = 25V
53
Crss
Reverse Transfer Capacitance
f = 1.0MHz
750
pF
td(on)
Turn-On Delay Time
VDD = 30V
23
tr
Rise Time
ID = 16A
130
td(off)
Turn-Off Delay Time
RG = 5Ω
81
tf
Fall Time
79
ns



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com