Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P050NGYA Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # P050NGYA
Description  PolyTuff® Non-Metallic Liquidtight Fittings
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

P050NGYA Datasheet(HTML) 1 Page - Hubbell Incorporated.

  P050NGYA Datasheet HTML 1Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.hubbell-wiring.com
V-100
Wiring Device-Kellems
®
PS05GYKIT
P1259NGY
P125NGY
P075NGYA
PS0509NGY
SwivelLok® Multi-Position
Straight with Male Non-Metallic Liquidtight Fittings
Trade Size
(metric designator)
Black
Catalog Number
Gray
Catalog Number
¼ (10)
³⁄₈
(12)
½ (16)
¾ (21)
1 (27)
F2025
P038NBKA
P050NBKA
P075NBKA
P100NBKA
—
P038NGYA
P050NGYA
P075NGYA
P100NGYA
1¼ (35)
1½ (41)
2 (53)
P125NBK
P150NBK
P200NBK
P125NGY
P150NGY
P200NGY
Note: Fittings are to be used with PolyTuff I and PolyTuff II.
See pages V-104 and V-105 for technical information and dimensional drawings.
³⁄₈
" Liquidtight conduit fitting have ½ NPT male threads.
SwivelLok® Multi-Position with Male Non-Metallic Liquidtight Fittings
Trade Size
(metric designator)
Black
Catalog Number
Gray
Catalog Number
³⁄₈
(12)
½ (16)
¾ (21)
1 (27)
PS0389NBK
PS0509NBK
PS0759NBK
PS1009NBK
PS0389NGY
PS0509NGY
PS0759NGY
PS1009NGY
Note: Fittings are to be used with PolyTuff I and PolyTuff II.
See pages V-104 and V-105 for technical information and dimensional drawings.
³⁄₈
" Liquidtight conduit fitting have ½ NPT male threads.
Fixed 90°Fittings for Non-Metallic Conduit
Trade Size
(metric designator)
Black
Catalog Number
Gray
Catalog Number
³⁄₈
(12)
½ (16)
¾ (21)
1 (27)
1¼ (35)
P0389NBK
P0509NBK
P0759NBK
P1009NBK
P1259NBK
P0389NGY
P0509NGY
P0759NGY
P1009NGY
P1259NGY
Note: Fittings are to be used with PolyTuff I and PolyTuff II.
See pages V-104 and V-105 for technical information and dimensional drawings.
³⁄₈
⁄⁄" Liquidtight conduit fitting have ½ NPT male threads.
SwivelLok® Flexible Conduit Kit
Trade Size
(metric designator)
Fitting and Conduit
Catalog Number
½ (16)
¾ (21)
2 PS0509NGY, 6' G1050
2 PS0759NGY, 6' G1075
PS05GYKIT
PS07GYKIT
Note: See pages V-104 and V-105 for technical information and dimensional drawings.
Kellems® Wire Management Products
PolyTuff® Non-Metallic Liquidtight Fittings
UL Listed to
Type 4, 4X, 12 and 13


Similar Part No. - P050NGYA

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
P050NGYA HUBBELL-P050NGYA Datasheet
138Kb / 1P
Flexible Non-metallic Conduit and Tubing Fittings
More results

Similar Description - P050NGYA

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
NBB-10240 BUD-NBB-10240 Datasheet
80Kb / 1P
NON-METALLIC ENCLOSURE (STYLE B)
NBB-10243 BUD-NBB-10243 Datasheet
99Kb / 1P
NON-METALLIC ENCLOSURE (STYLE B)
NBB-10245 BUD-NBB-10245 Datasheet
89Kb / 1P
NON-METALLIC ENCLOSURE (STYLE B)
NBB-10247 BUD-NBB-10247 Datasheet
103Kb / 1P
NON-METALLIC ENCLOSURE (STYLE B)
NBX-10975-PL BUD-NBX-10975-PL Datasheet
206Kb / 2P
LARGE NON-METALLIC ENCLOSURES
logo
List of Unclassifed Man...
NBD-10442 ETC2-NBD-10442 Datasheet
104Kb / 2P
NON-METALLIC ENCLOSURE
NBA-10162 ETC2-NBA-10162 Datasheet
68Kb / 1P
NON-METALLIC ENCLSURE (STYLE A)
logo
Norgren Ltd
M0020 NORGREN-M0020 Datasheet
1Mb / 4P
Pneufit® M PUSH-IN fittings, metric
1/19
logo
Heyco.
H8501 HEYCO-H8501 Datasheet
144Kb / 1P
Heyco® Nylon Conduit Fittings - Straight-Thru
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com