Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP7721MA/NOPB.A Datasheet(PDF) 5 Page - Texas Instruments

Part # LMP7721MA/NOPB.A
Description  LMP7721 3-Femtoampere Input Bias Current Precision Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7721MA/NOPB.A Datasheet(HTML) 5 Page - Texas Instruments

  LMP7721MA/NOPB.A Datasheet HTML 1Page - Texas Instruments LMP7721MA/NOPB.A Datasheet HTML 2Page - Texas Instruments LMP7721MA/NOPB.A Datasheet HTML 3Page - Texas Instruments LMP7721MA/NOPB.A Datasheet HTML 4Page - Texas Instruments LMP7721MA/NOPB.A Datasheet HTML 5Page - Texas Instruments LMP7721MA/NOPB.A Datasheet HTML 6Page - Texas Instruments LMP7721MA/NOPB.A Datasheet HTML 7Page - Texas Instruments LMP7721MA/NOPB.A Datasheet HTML 8Page - Texas Instruments LMP7721MA/NOPB.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
LMP7721
www.ti.com
SNOSAW6E – JANUARY 2008 – REVISED DECEMBER 2014
6.5 Electrical Characteristics: 2.5 V
Unless otherwise specified, all limits are specified for TA = 25°C, V
+ = 2.5 V, V− = 0 V, V
CM = (V
+ + V−)/2.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
VOS
Input Offset Voltage
–180
±50
180
μV
–40°C
≤ TJ ≤ 125°C
–480
480
TC VOS
Input Offset Voltage Drift
–1.5
–4
μV/°C
(3)
IBIAS
Input Bias Current
VCM = 1 V
(4) (5)
25°C
–20
±3
20
fA
−40°C to 85°C
–900
900
−40°C to 125°C
–5
5
pA
IOS
Input Offset Current
VCM = 1 V
(5)
±6
±40
fA
CMRR
Common-Mode Rejection Ratio
0 V
≤ VCM ≤ 1.4 V
83
100
dB
0 V
≤ VCM ≤ 1.4 V, –40°C ≤ TJ ≤ 125°C
80
PSRR
Power Supply Rejection Ratio
1.8 V
≤ V+ ≤ 5.5 V, V− = 0 V, VCM = 0
84
92
dB
1.8 V
≤ V+ ≤ 5.5 V, V− = 0 V, VCM = 0,
80
–40°C
≤ TJ ≤ 125°C
CMVR
Input Common-Mode Voltage
CMRR
≥ 80 dB
−0.3
1.5
V
Range
CMRR
≥ 78 dB, –40°C ≤ TJ ≤ 125°C
–0.3
1.5
AVOL
Large Signal Voltage Gain
VO = 0.15 V to 2.2 V, RL = 2 kΩ to V
+/2
88
107
VO = 0.15 V to 2.2 V, RL = 2 kΩ to V
+/2,
82
–40°C
≤ TJ ≤ 125°C
dB
VO = 0.15 V to 2.2 V, RL = 10 kΩ to V
+/2
92
120
VO = 0.15 V to 2.2 V, RL = 10 kΩ to V
+/2,
88
–40°C
≤ TJ ≤ 125°C
VO
Output Swing High
RL = 2 kΩ to V
+/2
70
25
RL = 2 kΩ to V
+/2, –40°C ≤ T
J ≤ 125°C
77
mV
from V+
RL = 10 kΩ to V
+/2
60
20
RL = 10 kΩ to V
+/2, –40°C ≤ T
J ≤ 125°C
66
Output Swing Low
RL = 2 kΩ to V
+/2
30
70
RL = 2 kΩ to V
+/2, –40°C ≤ T
J ≤ 125°C
73
mV
RL = 10 kΩ to V
+/2
15
60
RL = 10 kΩ to V
+/2, –40°C ≤ T
J ≤ 125°C
62
IO
Output Short Circuit Current
Sourcing to V−, VIN = 200 mV
(6)
36
46
Sourcing to V−, VIN = 200 mV
(6), –40°C ≤
30
TJ ≤ 125°C
mA
Sinking to V+, VIN = −200 mV
(6)
7.5
15
Sinking to V+, VIN = −200 mV
(6), –40°C ≤
5.0
TJ ≤ 125°C
IS
Supply Current
1.1
1.5
mA
–40°C
≤ TJ ≤ 125°C
1.75
SR
Slew Rate
AV = +1, Rising (10% to 90%)
9.3
V/
μs
AV = +1, Falling (90% to 10%)
10.8
GBW
Gain Bandwidth Product
15
MHz
en
Input-Referred Voltage Noise
f = 400 Hz
8
nV/
f = 1 kHz
7
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlations using the
Statistical Quality Control (SQC) method.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not specified on shipped
production material.
(3)
Offset voltage average drift is determined by dividing the change in VOS at the temperature extremes by the total temperature change.
(4)
Positive current corresponds to current flowing into the device.
(5)
This parameter is specified by design and/or characterization and is not tested in production.
(6)
The short circuit test is a momentary open loop test.
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMP7721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com