Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP2012WGLLQMLV Datasheet(PDF) 5 Page - Texas Instruments

Part # LMP2012WGLLQMLV
Description  LMP2012QML Dual High Precision, Rail-to-Rail Output Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP2012WGLLQMLV Datasheet(HTML) 5 Page - Texas Instruments

  LMP2012WGLLQMLV Datasheet HTML 1Page - Texas Instruments LMP2012WGLLQMLV Datasheet HTML 2Page - Texas Instruments LMP2012WGLLQMLV Datasheet HTML 3Page - Texas Instruments LMP2012WGLLQMLV Datasheet HTML 4Page - Texas Instruments LMP2012WGLLQMLV Datasheet HTML 5Page - Texas Instruments LMP2012WGLLQMLV Datasheet HTML 6Page - Texas Instruments LMP2012WGLLQMLV Datasheet HTML 7Page - Texas Instruments LMP2012WGLLQMLV Datasheet HTML 8Page - Texas Instruments LMP2012WGLLQMLV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
LMP2012QML
www.ti.com
SNOSAU5H – MARCH 2007 – REVISED APRIL 2013
LMP2012 Electrical Characteristics 5V DC Parameters
The following conditions apply, unless otherwise specified.
V
+ = 5V, V-= 0V, V
CM = 2.5V, VO = 2.5V and RL > 1MΩ.
Sub-
Symbol
Parameter
Conditions
Notes
Typ(1)
Min
Max
Units
groups
VIO
Input Offset Voltage
0.12
36
1
μV
60
2, 3
Offset Calibration Time
0.5
10
1
ms
12
2, 3
TCVIO
Input Offset Voltage
0.015
µV/°C
(Temperature Sensitivity)
IIB
Input Bias Current
−3
pA
IIO
Input Offset Current
6
pA
CMRR
Common Mode Rejection Ratio
−0.3 ≤ VCM ≤ 3.2
130
100
1
dB
0
≤ VCM ≤ 3.2
90
2, 3
PSRR
Power Supply Rejection Ratio
120
95
1
dB
90
2, 3
AVOL
Open Loop Voltage Gain
RL = 10 kΩ
130
105
1
100
2, 3
dB
RL = 2 kΩ
132
95
1
90
2, 3
VO
Output Swing
RL = 10 kΩ to 2.5V
4.978
4.92
1
VIN(diff) = ±0.5V
4.91
2, 3
V
0.040
0.080
1
0.095
2, 3
RL = 2 kΩ to 2.5V
4.919
4.875
1
VIN(diff) = ±0.5V
4.855
2, 3
V
0.091
0.125
1
0.150
2, 3
IO
Output Current
Sourcing, VO = 0V
15
8
1
VIN(diff) = ±0.5V
6
2, 3
mA
Sourcing, VO = 5V
17
8
1
VIN(diff) = ±0.5V
6
2, 3
IS
Supply Current per Channel
0.930
1.20
1
mA
1.50
2, 3
(1)
Typical values represent the most likely parametric norm.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMP2012QML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com