| Electronic Components Datasheet Search |
|
LMP8350MA/NOPB Datasheet(PDF) 24 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LMP8350MA/NOPB Datasheet(HTML) 24 Page - Texas Instruments |
|
24 / 39 page ![]() LOW IMPEDANCE VOLTAGE REFERENCE VI RG1 RG2 VOCM RF1 RF2 EN A/D RISO1 CS 8-18 pF + - a VREF RISO2 RG RG VOCM RL VO RF RF CL RO RO EN + - VI a VO1 VO2 VI2 VI1 RM RT RS VICM = VOCM VICM = VI1 + VI2 2 *VCM = VO1 + VO2 2 *BY DESIGN LMP8350 SNOSB80C – FEBRUARY 2011 – REVISED OCTOBER 2015 www.ti.com Application Information (continued) Figure 32. AC Coupled for Single-Supply Operation 8.1.3 Driving Analog to Digital Converters Analog to digital converters (ADC) present challenging load conditions. They typically have high impedance inputs with large and often variable capacitive components. As well, there are usually current spikes associated with switched capacitor or sample and hold circuits. Figure 33 shows a typical circuit for driving an ADC. The two resistors serve to isolate the capacitive loading of the ADC from the amplifier and ensure stability. In addition, the resistors form part of a lowpass filter which helps to provide anti alias and noise reduction functions. The CS capacitor helps to smooth the current spikes associated with the internal switching circuits of the ADC and also are a key component in the lowpass filtering of the ADC input. The capacitor should be a low distortion capacitor, such as an NPO, to avoid causing significant distortion terms. In the circuit of Figure 33, the cutoff frequency of the filter is calculated by Equation 3. This should be slightly less than the sampling frequency. 1 / (2 × π × (RISO1 + RISO2) × (CS + CCONVERTER)) (3) NOTE The ADC input capacitance must be factored into the frequency response of the input filter. Also as shown in Figure 33, the input capacitance to many ADCs is variable based on the clock cycle. For lower-speed, precision ADC's, the external cap is generally sized to ten times the internal sampling capacitor value. See the data sheet for your particular ADC for details. Figure 33. Driving an ADC 24 Submit Documentation Feedback Copyright © 2011–2015, Texas Instruments Incorporated Product Folder Links: LMP8350 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |