Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP2012WGLQMLV Datasheet(PDF) 11 Page - Texas Instruments

Part # LMP2012WGLQMLV
Description  LMP2012QML Dual High Precision, Rail-to-Rail Output Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP2012WGLQMLV Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMP2012WGLQMLV Datasheet HTML 5Page - Texas Instruments LMP2012WGLQMLV Datasheet HTML 6Page - Texas Instruments LMP2012WGLQMLV Datasheet HTML 7Page - Texas Instruments LMP2012WGLQMLV Datasheet HTML 8Page - Texas Instruments LMP2012WGLQMLV Datasheet HTML 9Page - Texas Instruments LMP2012WGLQMLV Datasheet HTML 10Page - Texas Instruments LMP2012WGLQMLV Datasheet HTML 11Page - Texas Instruments LMP2012WGLQMLV Datasheet HTML 12Page - Texas Instruments LMP2012WGLQMLV Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
LMP2012QML
www.ti.com
SNOSAU5H – MARCH 2007 – REVISED APRIL 2013
LMP2012 AS ADC INPUT AMPLIFIER
The LMP2012 is a great choice for an amplifier stage immediately before the input of an ADC (Analog-to-Digital
Converter), whether AC or DC coupled. See Figure 8 and Figure 9. This is because of the following important
characteristics:
A)
Very low offset voltage and offset voltage drift over time and temperature allow a high closed-loop gain
setting without introducing any short-term or long-term errors. For example, when set to a closed-loop gain
of 100 as the analog input amplifier for a 12-bit A/D converter, the overall conversion error over full
operation temperature and 30 years life of the part (operating at 50°C) would be less than 5 LSBs.
B)
Fast large-signal settling time to 0.01% of final value (1.4
μs) allows 12 bit accuracy at 100 KHZ or more
sampling rate.
C)
No flicker (1/f) noise means unsurpassed data accuracy over any measurement period of time, no matter
how long. Consider the following op amp performance, based on a typical low-noise, high-performance
commercially-available device, for comparison:
Op amp flatband noise = 8nV/
√Hz
1/f corner frequency = 100 Hz
AV = 2000
Measurement time = 100 sec
Bandwidth = 2 Hz
This example will result in about 2.2 mVPP (1.9 LSB) of output noise contribution due to the op amp alone,
compared to about 594
μVPP (less than 0.5 LSB) when that op amp is replaced with the LMP2012 which
has no 1/f contribution. If the measurement time is increased from 100 seconds to 1 hour, the
improvement realized by using the LMP2012 would be a factor of about 4.8 times (2.86 mVPP compared to
596
μV when LMP2012 is used) mainly because the LMP2012 accuracy is not compromised by increasing
the observation time.
D)
Rail-to-Rail output swing maximizes the ADC dynamic range in 5-Volt single-supply converter applications.
Below are some typical block diagrams showing the LMP2012 used as an ADC amplifier (Figure 8 and
Figure 9).
Figure 9.
RADIATION ENVIRONMENTS
Careful consideration should be given to environmental conditions when using a product in a radiation
environment.
TOTAL IONIZING DOSE
Radiation hardness assured (RHA) products are those part numbers with a total ionizing dose (TID) level
specified in the Ordering Information table on the front page. Testing and qualification of these products is done
on a wafer level according to MIL-STD-883G, Test Method 1019.7, Condition A and the “Extended room
temperature anneal test” described in section 3.11 for application environment dose rates less than 0.082
rad(Si)/s. Wafer level TID data are available with lot shipments.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMP2012QML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com