Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8672MA/NOPB.B Datasheet(PDF) 17 Page - Texas Instruments

Part # LMP8672MA/NOPB.B
Description  Single, Dual, and Quad 40V Low Noise Precision Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP8672MA/NOPB.B Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMP8672MA/NOPB.B Datasheet HTML 10Page - Texas Instruments LMP8672MA/NOPB.B Datasheet HTML 11Page - Texas Instruments LMP8672MA/NOPB.B Datasheet HTML 12Page - Texas Instruments LMP8672MA/NOPB.B Datasheet HTML 13Page - Texas Instruments LMP8672MA/NOPB.B Datasheet HTML 14Page - Texas Instruments LMP8672MA/NOPB.B Datasheet HTML 15Page - Texas Instruments LMP8672MA/NOPB.B Datasheet HTML 16Page - Texas Instruments LMP8672MA/NOPB.B Datasheet HTML 17Page - Texas Instruments LMP8672MA/NOPB.B Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
8X (.061 )
[1.55]
8X (.024)
[0.6]
6X (.050 )
[1.27]
(.213)
[5.4]
(R.002 ) TYP
[0.05]
SOIC - 1.75 mm max height
D0008A
SMALL OUTLINE INTEGRATED CIRCUIT
4214825/C 02/2019
NOTES: (continued)
8. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
9. Board assembly site may have different recommendations for stencil design.
SOLDER PASTE EXAMPLE
BASED ON .005 INCH [0.125 MM] THICK STENCIL
SCALE:8X
SYMM
SYMM
1
4
5
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com