Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV232TL/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LMV232TL/NOPB
Description  LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV232TL/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMV232TL/NOPB Datasheet HTML 1Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 2Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 3Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 4Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 5Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 6Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 7Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 8Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
LMV232
-
+
FB
OUT
BS
RFIN2
A2
C1
RFIN1
A1
DETECTOR
+
A3
VDD
GND
SD
B3
C3
C2
B1
X
2
LMV232
SNWS017C – DECEMBER 2004 – REVISED MARCH 2013
www.ti.com
Table 1. PIN DESCRIPTION
Pin
Name
Description
Power Supply
B3
VDD
Positive Supply Voltage
B1
GND
Power Ground
Digital Inputs
C3
SD
Schmitt-triggered Shutdown. The device is
active for SD = LOW. For SD = HIGH, it is
brought into a low-power shutdown mode.
C2
BS
Schmitt-triggered Band Select pin. When BS =
HIGH, RFIN1 is selected, when BS = LOW,
RFIN2 is selected.
Analog Inputs
A1
RFIN1
RF Input connected to the coupler output with
optional attenuation to measure the Power
C1
RFIN2
Amplifier (PA) / Antenna RF power levels. Both
RF inputs of the device are internally
terminated with a 50
Ω resistance.
Feedback
A2
FB
Connected to inverting input of output amplifier.
Enables user-configurable gain and bandwidth
through external feedback network.
Output
A3
Out
Amplifier output
BLOCK DIAGRAMS
Figure 2. LMV232
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LMV232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com