Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2904D Datasheet(PDF) 5 Page - Texas Instruments

Part # LP2904D
Description  Ultra-Low Power Dual Operational Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2904D Datasheet(HTML) 5 Page - Texas Instruments

  LP2904D Datasheet HTML 1Page - Texas Instruments LP2904D Datasheet HTML 2Page - Texas Instruments LP2904D Datasheet HTML 3Page - Texas Instruments LP2904D Datasheet HTML 4Page - Texas Instruments LP2904D Datasheet HTML 5Page - Texas Instruments LP2904D Datasheet HTML 6Page - Texas Instruments LP2904D Datasheet HTML 7Page - Texas Instruments LP2904D Datasheet HTML 8Page - Texas Instruments LP2904D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
LP358, LP2904
www.ti.com
SLOS475A – AUGUST 2005 – REVISED MAY 2017
Product Folder Links: LP358 LP2904
Submit Documentation Feedback
Copyright © 2005–2017, Texas Instruments Incorporated
(1)
For full-range temperature limits: VCC = 3 V to 32 V, VICR = 0 V to VCC – 1.5 V (unless otherwise noted)
(2)
Full range is 0°C to 70°C for LP358.
(3)
All typical values are at TA = 25°C.
(4)
Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
6.5 Electrical Characteristics: LP358
TA = 25°C, VCC = 5 V, VIC = VCC / 2, RL = 100 kΩ to GND (unless otherwise noted)
PARAMETER
TEST CONDITIONS (1) (2)
MIN
TYP (3)
MAX
UNIT
VIO
Input offset voltage
TA = 25°C
2
4
mV
TA = Full range
9
IIB
Input bias current
TA = 25°C
2
10
nA
TA = Full range
20
IIO
Input offset current
TA = 25°C
0.2
2
nA
TA = Full range
4
AV
Large-signal voltage gain
RL = 10 kΩ to GND,
VCC = 30 V
TA = 25°C
50
100
V/mV
TA = Full range
40
CMRR
Common-mode rejection ratio
VCC = 30 V,
VIC = 0 V to VCC – 1.5 V
TA = 25°C
80
90
dB
TA = Full range
75
kVSR
Power-supply rejection ratio
VCC = 5 V to 30 V
TA = 25°C
80
90
V
TA = Full range
75
ICC
Supply current
RL = ∞
TA = 25°C
54
75
µA
TA = Full range
125
VOH
Output voltage swing (high)
IL = 0.35 mA to GND
VIC = 0 V
TA = 25°C
3.4
3.6
V
TA = Full range
VCC – 1.9
VOL
Output voltage swing (low)
IL = 0.35 mA from VCC
VIC = 0 V
TA = 25°C
0.82
0.7
V
TA = Full range
1
IO
Output source current
VO = 3 V, VID = 1 V
TA = 25°C
7
10
mA
TA = Full range
4
IO
Output sink current
VO = 1.5 V, VID = –1 V
TA = 25°C
4
5
mA
TA = Full range
3
VO = 1.5 V, VID = –1 V,
VIC = 0 V
TA = 25°C
2
4
TA = Full range
1
IOS,GND
Output short to GND
VID = 1 V
TA = 25°C
20
35
mA
TA = Full range
40
IOS,VCC
Output short to VCC
(4)
VID = –1 V
TA = 25°C
15
30
mA
TA = Full range
45
αVIO
Input offset voltage drift
TA = 25°C
10
μV/°C
αIIO
Input offset current drift
TA = 25°C
10
pA/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com