Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2204 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP2204
Description  WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2204 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP2204 Datasheet HTML 2Page - Diodes Incorporated AP2204 Datasheet HTML 3Page - Diodes Incorporated AP2204 Datasheet HTML 4Page - Diodes Incorporated AP2204 Datasheet HTML 5Page - Diodes Incorporated AP2204 Datasheet HTML 6Page - Diodes Incorporated AP2204 Datasheet HTML 7Page - Diodes Incorporated AP2204 Datasheet HTML 8Page - Diodes Incorporated AP2204 Datasheet HTML 9Page - Diodes Incorporated AP2204 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
AP2204
Document number: DS37168 Rev. 5 - 2
6 of 18
www.diodes.com
July 2018
© Diodes Incorporated
AP2204
Performance Characteristics
Output Voltage vs. Output Current
Output Voltage vs. Output Current
Output Voltage vs. Output Current
Dropout Voltage vs. Output Current
Dropout Voltage vs. Junction Temperature
Output Voltage vs. Input Voltage
0
15
30
45
60
75
90
105
120
135
150
4.90
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
AP2204-5.0
V
IN
=6V
T
J
=+25
oC
Output Current (mA)
0
50
100
150
200
250
300
350
400
450
500
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
T
J
=-40
oC
T
J
=+25
oC
T
J
=+125
oC
AP2204-5.0
V
IN
=6V
Output Current (mA)
0
50
100
150
200
250
300
350
400
450
500
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
AP2204-5.0
T
J
=+25
oC
Output Current (mA)
V
IN
=6V
V
IN
=12V
V
IN
=24V
0
15
30
45
60
75
90
105
120
135
150
0
50
100
150
200
250
300
350
400
450
500
550
600
AP2204-5.0
Output Current (mA)
T
J
=-40
oC
T
J
=+25
oC
T
J
=+125
oC
-40
-20
0
20
40
60
80
100
120
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
AP2204-5.0
Junction Temperature (
oC)
I
OUT
=10mA
I
OUT
=100mA
I
OUT
=150mA
0
4
8
12
16
20
24
28
32
36
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage (V)
AP2204-5.0
No Load
T
J
=-40
oC
T
J
=+25
oC
T
J
=+125
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com