Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW3111B Datasheet(PDF) 1 Page - TT Electronics.

Part # SW3111B
Description  EXTERNAL DESKTOP POWER SUPPLY 9VDC 14.4WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW3111B Datasheet(HTML) 1 Page - TT Electronics.

  SW3111B Datasheet HTML 1Page - TT Electronics. SW3111B Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EXTERNAL DESKTOP POWER
SUPPLY 9VDC 14.4WATT
POWERPAX: SW3111B
© TT Electronics plc
ISS.3 29/05/2020 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
Universal Input
•
IEC-320-C8 Input Connector
•
3 Year Warranty
•
Efficiency Level VI
•
Safety approved to: UL,CUL,FCC,GS,CE,RCM
Description:
Our Range of 14.4 watt AC/DC switch mode power supplies provide 14.4 watts of continuous output power in a high quality
compact enclosure suitable for many general power applications.
Specification
Part Code
SW3111B
Input Voltage Range
100 → 240 Vac
Input Frequency Range
50 → 60Hz
Input Connector
IEC 320-C8
Input Current Rated
1.2A max.
Leakage Current
0.25mA.
Efficiency
83.92% Min
Input Power (Output: No Load)
Max. 0.1W
Output Voltage Rating
+9V
Output Current Range
1.6A
Output Min Current
0.0A
Output Connection Type
2.1 x 5.5 x 12 mm centre positive – Straight
Line and Load Regulation
LINE +/-5% LOAD +/-5%
Over Voltage Protection
V out *180%(Max)
Over Load Protection
V out *180%(Max)
Short Circuit Protection
Output shut down auto recover
Ripple Voltage
150mVp-p
Hi-Pot
3000Vac,10m A, 1 minute.
Safety Approved
UL, CUL, TUV, CE, UK, RCM, CCC
EMI Standard
FCC part 15: Class B,EN55022:2010,Class B,GB9254-2008,
GB17625.1-2012
Operating Temperature Range
0° → +40 °C
Storage Temperature
-20°C → 80°C
Operating Humidity
5% to 95%
Storage Humidity
5% to 95%
Dimensions
75 (L) x 50.6 (W) x 29.8 (H) mm
Product Weight
107g
Regulator Type
Switched Mode Power Supply


Similar Part No. - SW3111B

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW3110B TTELEC-SW3110B Datasheet
296Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 5VDC 12.5WATT
22/05/2020
SW3113-C2 TTELEC-SW3113-C2 Datasheet
237Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 12VDC 15WATT
07/12/2022
SW3114-B TTELEC-SW3114-B Datasheet
243Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 12VDC 24WATT
22/05/2020
SW3114LUG-B TTELEC-SW3114LUG-B Datasheet
235Kb / 2P
INSTALLATION WALL MOUNT POWER SUPPLY 12VDC 2A
18/10/2021
SW3115-C2 TTELEC-SW3115-C2 Datasheet
318Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 15VDC 15WATT
22/05/2020
More results

Similar Description - SW3111B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM9264 AD-ADM9264 Datasheet
181Kb / 12P
Quad Power Supply Monitor for Desktop PCs
REV.0
logo
List of Unclassifed Man...
CUP45 ETC1-CUP45 Datasheet
209Kb / 2P
AC/DC External Desktop 45 Watts
logo
Mean Well Enterprises C...
ESP-120_1108 MEANWELL-ESP-120_1108 Datasheet
312Kb / 3P
108W/216W Desktop Power Supply or Charger
logo
List of Unclassifed Man...
MCEXT12V15WC2 ETC2-MCEXT12V15WC2 Datasheet
180Kb / 3P
External Power Supply
FWC100012A-12B ETC2-FWC100012A-12B Datasheet
114Kb / 3P
100 Watt ITE Desktop Power Supply
logo
Vitec Power
SHDA31A-SERIES Vitec-SHDA31A-SERIES Datasheet
380Kb / 2P
30W Desktop Power Supply for Medical Equipment
logo
Mean Well Enterprises C...
ENP-180 MEANWELL-ENP-180 Datasheet
103Kb / 4P
180W Level Desktop Type Power Supply
ENP-240 MEANWELL-ENP-240 Datasheet
102Kb / 4P
240W Level Desktop Type Power Supply
logo
CUI INC
SDM120-U CUI-SDM120-U Datasheet
637Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
01/10/2022
SMI12 CUI-SMI12 Datasheet
734Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
08/12/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com