Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW3517-VI Datasheet(PDF) 1 Page - TT Electronics.

Part # SW3517-VI
Description  UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 5VDC 7.5WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW3517-VI Datasheet(HTML) 1 Page - TT Electronics.

  SW3517-VI Datasheet HTML 1Page - TT Electronics. SW3517-VI Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWERPAX: SW3517-VI
© TT Electronics plc
ISS.3 23/06/2020 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
United Kingdom Fixed AC Head
•
1 Year Warranty
•
Level VI Efficiency
•
CE Approved
Description:
Our Range of Class II 7.5 watt AC/DC United Kingdom plug-in power supplies provide 7.5 watts of continuous power in a
compact fixed wall plug enclosure suitable for use in many general power applications.
Specification
Part Number
SW3517-VI
Input Voltage Range
90-264Vac
Input Frequency Range
50-60Hz
Input Current Rated
0.4A max
Output Voltage Rating
+5V
Output Current Range
1.5A
Output Min Current
0.01A
Output Connection Type
2.1x5.5x12mm Centre Positive – Straight
Total Output Regulation
+/- 5%
Line and Load Regulation
+/- 5%
Ripple & Noise
100mVp-p
Efficiency
76.65% Min
Over Voltage Protection
10Vdc Max
Over Load Protection
3amp Max
Operating Temperature
0°C to 50°C
Storage Temperature
-20°C to +80°C
Operating Humidity
10% to 90%
Storage Humidity
10% to 90%
Hi-Pot
3000Vac 10mA 1min
Leakage Current
0.25mA max
Safety Standard
Meet T-LICENSE(BS EN60950-1), Declared& CE Mark
EMI Standard
FCC part 15: Class B EN55022:2010, Class B GB9254-2008,
GB17625.1-2012
MTBF
50K Hours
Size mm max.
78.98(L) x 49.5 (W) x 37.7(H) mm
Weight
110g
Regulator Type
Switched Mode Power Supply


Similar Part No. - SW3517-VI

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW3518-VI TTELEC-SW3518-VI Datasheet
304Kb / 2P
UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 5VDC 8WATT
23/06/2020
logo
ZHUHAI ISMARTWARE TECHN...
SW3518S ISMARTWARE-SW3518S Datasheet
591Kb / 14P
Total Solution Include PD for Dual Ports Fast Charge Application
May, 2022 v1.6
More results

Similar Description - SW3517-VI

ManufacturerPart #DatasheetDescription
logo
CUI INC
SMI-UK-1 CUI-SMI-UK-1 Datasheet
230Kb / 2P
UNITED KINGDOM BLADE
SMI-UK-3L CUI-SMI-UK-3L Datasheet
402Kb / 2P
UNITED KINGDOM BLADE
AC-C7-UK CUI-AC-C7-UK Datasheet
169Kb / 2P
AC CORD, UNITED KINGDOM
AC-C13-UK CUI-AC-C13-UK Datasheet
163Kb / 2P
3 PRONG AC CORD, UNITED KINGDOM
SMI-UK-2 CUI-SMI-UK-2 Datasheet
303Kb / 2P
United Kingdom interchangeable blade
SMI-UK-5 CUI-SMI-UK-5 Datasheet
173Kb / 2P
UNITED KINGDOM BLADE
SMI-UK-3 CUI-SMI-UK-3_V01 Datasheet
728Kb / 2P
UNITED KINGDOM BLADE
06/20/2019
SMI-UK-5W CUI-SMI-UK-5W Datasheet
172Kb / 2P
UNITED KINGDOM BLADE
11/20/2020
logo
CUI Devices
AC-C7UK CUID-AC-C7UK Datasheet
270Kb / 2P
AC CORD, UNITED KINGDOM
10/25/2022
AC-C7-UK CUID-AC-C7-UK Datasheet
270Kb / 2P
AC CORD, UNITED KINGDOM
10/25/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com