Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW4009D Datasheet(PDF) 1 Page - TT Electronics.

Part # SW4009D
Description  UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 12VDC 6WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW4009D Datasheet(HTML) 1 Page - TT Electronics.

  SW4009D Datasheet HTML 1Page - TT Electronics. SW4009D Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNITED KINGDOM 3-PIN PLUG-IN
POWER SUPPLY 12VDC 6WATT
POWERPAX: SW4009D
© TT Electronics plc
ISS.3 28/05/2020 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
United Kingdom Fixed AC Head
•
1 Year Warranty
•
Level VI Efficiency
•
CE Approved
Description:
Our Range of Class II 6 Watt AC/DC United Kingdom plug-in power supplies provide 6 Watts of continuous power in a
compact fixed wall plug enclosure suitable for use in many general power applications.
Specification
Part Number
SW4009H
Input Voltage Range
100-240Vac
Input Frequency Range
50-60Hz ±3Hz
Input Current Rated
0.18A Max.
Output Voltage Rating
+12V
Output Current Range
0.5A
Output Min Current
0.01A
Output Connection Type
2.1x5.5x12mm Centre Positive –Straight
Rating Output Power
6W
Line and Load Regulation
±5%
Ripple & Noise
200mVp-p
Efficiency
78.88% Min
Short-circuit Protection
The adapter shall not be damaged by short the DC output to
Ground. The adapter shall resume normal operation when a
short circuited fault condition is removed.
Over Current Protection
The output shall be protected against the over current con-
ditions.
Operating Temperature
0°C to 40°C
Storage Temperature
-20°C to +80°C
Operating Humidity
10% to 90%
Storage Humidity
10% to 90%
Hi-Pot
3000VAC 5mA 1min
Safety Standard
BS EN60950-1, Declared & CE Mark
EMC Standard
FCC part 15: Class B, EN55022:2010 Class B, GB9254-2008,
GB17625.1-2012, EN55024:2010, EN610004-2, EN610004-3,
EN610004-4, EN610004-5
MTBF
50K Hours with Bellcore SR-322
Size mm max.
49.5 (L) x 55.1 (W) x 42.5 (H)
Weight
70g


Similar Part No. - SW4009D

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW4009H TTELEC-SW4009H Datasheet
397Kb / 2P
UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 12VDC 6WATT
28/05/2020
SW4009U-VI TTELEC-SW4009U-VI Datasheet
367Kb / 2P
USA 2-PIN PLUG-IN POWER SUPPLY 12VDC 6WATT
22/06/2020
More results

Similar Description - SW4009D

ManufacturerPart #DatasheetDescription
logo
CUI INC
SMI-UK-1 CUI-SMI-UK-1 Datasheet
230Kb / 2P
UNITED KINGDOM BLADE
SMI-UK-3L CUI-SMI-UK-3L Datasheet
402Kb / 2P
UNITED KINGDOM BLADE
AC-C7-UK CUI-AC-C7-UK Datasheet
169Kb / 2P
AC CORD, UNITED KINGDOM
AC-C13-UK CUI-AC-C13-UK Datasheet
163Kb / 2P
3 PRONG AC CORD, UNITED KINGDOM
SMI-UK-2 CUI-SMI-UK-2 Datasheet
303Kb / 2P
United Kingdom interchangeable blade
SMI-UK-5 CUI-SMI-UK-5 Datasheet
173Kb / 2P
UNITED KINGDOM BLADE
SMI-UK-3 CUI-SMI-UK-3_V01 Datasheet
728Kb / 2P
UNITED KINGDOM BLADE
06/20/2019
SMI-UK-5W CUI-SMI-UK-5W Datasheet
172Kb / 2P
UNITED KINGDOM BLADE
11/20/2020
logo
CUI Devices
AC-C7UK CUID-AC-C7UK Datasheet
270Kb / 2P
AC CORD, UNITED KINGDOM
10/25/2022
AC-C7-UK CUID-AC-C7-UK Datasheet
270Kb / 2P
AC CORD, UNITED KINGDOM
10/25/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com