Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW4010G Datasheet(PDF) 1 Page - TT Electronics.

Part # SW4010G
Description  UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 12VDC 12WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW4010G Datasheet(HTML) 1 Page - TT Electronics.

  SW4010G Datasheet HTML 1Page - TT Electronics. SW4010G Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNITED KINGDOM 3-PIN PLUG-IN
POWER SUPPLY 12VDC 12WATT
POWERPAX: SW4010G
© TT Electronics plc
ISS.3 12/12/2022 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
United Kingdom Fixed AC Head
•
1 Year Warranty
•
Level VI Efficiency
•
CE, UKCA Approved
Description:
Our Range of Class II 12 Watt AC/DC United Kingdom plug-in power supplies provide 12 Watts of continuous power in a
compact fixed wall plug enclosure suitable for use in many general power applications.
Specification
Part Number
SW4010G
Input Voltage Range
100-240Vac
Input Frequency Range
50-60Hz ± 3Hz
Input Current Rated
0.4A Max.
Output Voltage Rating
+12V
Output Current Range
1A
Output Min Current
0.01A
Output Connection Type
2.1x5.5x12mm Centre Positive –Straight
Rating Output Power
12.0W
Line and Load Regulation
+/- 5%
Leakage Current
>0.25 mA
Ripple & Noise
120mVp-p
Efficiency
82.96% Min
Short-circuit Protection
The adapter shall not be damaged by short the DC output to
Ground. The adapter shall resume normal operation when a short
circuited fault condition is removed.
Over Current Protection
The output shall be protected against the over current conditions.
Operating Temperature
0°C to +50°C
Storage Temperature
-20°C to +80°C
Operating Humidity
10% to 90%
Storage Humidity
10% to 90%
Hi-Pot
3000VAC 5mA 1min
Safety Standard
Declared & CE Mark, EN62368-1, BS EN62368-1
EMC Standard
FCC part 15: Class B
EN55032, Class B
EN 55035
EN 61000-3-2
EN 61000-3-3
MTBF
50K Hours
Size mm max.
78.98 (L) x 49.5 (W) x 37.7(H)
Weight
110g
Regulator Type
Switched Mode Power Supply


Similar Part No. - SW4010G

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
SW401 BOWEI-SW401 Datasheet
252Kb / 1P
4-SPST Switches
logo
TT Electronics.
SW4016-F TTELEC-SW4016-F Datasheet
383Kb / 2P
INTERCHANGEABLE WALL PLUG POWER SUPPLY 12VDC 30WATT
27/05/2020
logo
BOWEI Integrated Circui...
SW401B BOWEI-SW401B Datasheet
252Kb / 1P
4-SPST Switches
More results

Similar Description - SW4010G

ManufacturerPart #DatasheetDescription
logo
CUI INC
SMI-UK-1 CUI-SMI-UK-1 Datasheet
230Kb / 2P
UNITED KINGDOM BLADE
SMI-UK-3L CUI-SMI-UK-3L Datasheet
402Kb / 2P
UNITED KINGDOM BLADE
AC-C7-UK CUI-AC-C7-UK Datasheet
169Kb / 2P
AC CORD, UNITED KINGDOM
AC-C13-UK CUI-AC-C13-UK Datasheet
163Kb / 2P
3 PRONG AC CORD, UNITED KINGDOM
SMI-UK-2 CUI-SMI-UK-2 Datasheet
303Kb / 2P
United Kingdom interchangeable blade
SMI-UK-5 CUI-SMI-UK-5 Datasheet
173Kb / 2P
UNITED KINGDOM BLADE
SMI-UK-3 CUI-SMI-UK-3_V01 Datasheet
728Kb / 2P
UNITED KINGDOM BLADE
06/20/2019
SMI-UK-5W CUI-SMI-UK-5W Datasheet
172Kb / 2P
UNITED KINGDOM BLADE
11/20/2020
logo
CUI Devices
AC-C7UK CUID-AC-C7UK Datasheet
270Kb / 2P
AC CORD, UNITED KINGDOM
10/25/2022
AC-C7-UK CUID-AC-C7-UK Datasheet
270Kb / 2P
AC CORD, UNITED KINGDOM
10/25/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com