Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW4027B Datasheet(PDF) 1 Page - TT Electronics.

Part # SW4027B
Description  EXTERNAL DSEKTOP POWER SUPPLY 12VDC 84WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW4027B Datasheet(HTML) 1 Page - TT Electronics.

  SW4027B Datasheet HTML 1Page - TT Electronics. SW4027B Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWERPAX: SW4027B
© TT Electronics plc
ISS.3 01/10/2021 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
Universal Input
•
IEC-320-C6 Input Connector
•
3 Year Warranty
•
Efficiency Level VI
•
Safety approved to: UL62368-1, EN62368-1, UKCA62368-1 (Pending)
Description:
Our Range of 84 watt AC/DC switch mode power supplies provide 84 watts of continuous output power in a high quality
compact enclosure suitable for many general power applications.
Specification
Part Code
SW4027B
Input Voltage Range
100 → 240Vac
Input Frequency Range
50 → 60Hz
Input Connector
IEC 320-C6
Input Current
1.2A Max
Inrush Current
60A Max. / 230Vac
Leakage Current
<0.25mA
Efficiency
≥88% Min
Power Consumption
Max. 0.21W
Output Voltage Rating
12 VDC
Output Current Range
7A
Total Power
84W
Output Connection Type
4PIN DIN
Over Voltage Protection
V out *(150% Max.)
Over Current Protection
I out *(150% Max.)
Short Circuit Protection
Automatic recovery after short-circuit fault being removed
Ripple Voltage
150 mV Max.
Hi-Pot
3000 Vac 10mA 1 min
Safety Approved
UL/cUL/EN/GS/CB/PSE/BSMI/RCM/PSB/(UKCA pending)
EMI Standard
FCC Class B, CE
Operating Temperature Range
0°C → +40°C
Storage Temperature
-20°C → +80°C
Operating Humidity
20% to 80%
Storage Humidity
10% to 90%
Dimensions
151 (L) x 64 (W) x 36 (H) mm
Product Weight
460g
MTBF
300,000 Hrs.
Regulator Type
Switched Mode Power Supply


Similar Part No. - SW4027B

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
SW402 BOWEI-SW402 Datasheet
252Kb / 1P
4-SPST Switches
SW402B BOWEI-SW402B Datasheet
252Kb / 1P
4-SPST Switches
More results

Similar Description - SW4027B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD74106 TI1-UCD74106 Datasheet
866Kb / 28P
Synchronous-Buck Power Stage External Bias Supply
logo
rfsolutions.ltd
PSU-12V1AIN-IP-1 RFSOLUTIONS-PSU-12V1AIN-IP-1 Datasheet
234Kb / 3P
Waterproof 12Vdc Power Supply IP67
logo
List of Unclassifed Man...
MCEXT12V15WC2 ETC2-MCEXT12V15WC2 Datasheet
180Kb / 3P
External Power Supply
logo
rfsolutions.ltd
PSU-12V1AIN-IP RFSOLUTIONS-PSU-12V1AIN-IP Datasheet
1Mb / 3P
Waterproof 12Vdc Power Supply IP67
logo
Contec Co., Ltd
CPS-PWD-15AW12-01 CONTEC-CPS-PWD-15AW12-01 Datasheet
388Kb / 2P
12VDC AC-DC Power Supply Unit
logo
Ultralife Corporation.
MRC-11A ULTRALIFE-MRC-11A Datasheet
240Kb / 2P
Four Position External Battery Power Supply
Rev:B
MRC-188 ULTRALIFE-MRC-188 Datasheet
782Kb / 2P
External Battery Power Supply for INDRA Terminal
07 March 2016 Rev A
logo
CUI INC
SDM120-U CUI-SDM120-U Datasheet
637Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
01/10/2022
SMI12 CUI-SMI12 Datasheet
734Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
08/12/2021
logo
Omron Electronics LLC
H7ER OMRON-H7ER Datasheet
149Kb / 6P
Subminiature Tachometer Requires No External Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com