Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38512 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP38512
Description  LP38512-1.8 1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP38512 Datasheet(HTML) 4 Page - Texas Instruments

  LP38512 Datasheet HTML 1Page - Texas Instruments LP38512 Datasheet HTML 2Page - Texas Instruments LP38512 Datasheet HTML 3Page - Texas Instruments LP38512 Datasheet HTML 4Page - Texas Instruments LP38512 Datasheet HTML 5Page - Texas Instruments LP38512 Datasheet HTML 6Page - Texas Instruments LP38512 Datasheet HTML 7Page - Texas Instruments LP38512 Datasheet HTML 8Page - Texas Instruments LP38512 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LP38512
SNOSAU7F – NOVEMBER 2007 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics (continued)
Unless otherwise specified: VIN = 2.5V, IOUT = 10 mA, CIN = 10 µF, COUT = 10 µF, VEN = VIN. Limits in standard type are for TJ
= 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C to +125°C. Minimum and
Maximum limits are specified through test, design, or statistical correlation. Typical values represent the most likely
parametric norm at TJ = 25°C, and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOUT rising threshold where ERROR
78
90
98
Flag goes high
VTH
Error Flag Threshold(5)
%
VOUT falling threshold where
74
85
93
ERROR Flag goes low
VERROR(SAT)
ERROR Flag Saturation Voltage ISINK = 100 µA
-
12.5
45
mV
ERROR Flag Pin Leakage
Ilk
VERROR = 5.5V
-
1
-
nA
Current
td
ERROR Flag Delay time
-
1
-
µs
AC Parameters
VIN = 2.5V
-
73
-
f = 120Hz
PSRR
Ripple Rejection
dB
VIN = 2.5V
-
73
-
f = 1 kHz
Output Noise Density
f = 120Hz
-
2
-
nV/
√Hz
en
Output Noise Voltage
BW = 100Hz – 100kHz
-
75
-
µV (RMS)
Thermal Characteristics
TSD
Thermal Shutdown
TJ rising
-
165
-
°C
ΔTSD
Thermal Shutdown Hysteresis
TJ falling from TSD
-
10
-
Thermal Resistance
θJ-A
DDPAK/TO-263 and PFM
-
60
-
°C/W
Junction to Ambient(6)
Thermal Resistance
θJ-C
DDPAK/TO-263 and PFM
-
3
-
°C/W
Junction to Case
(5)
The ERROR Flag thresholds are specified as percentage of the nominal regulated output voltage. See Application Information.
(6)
Device operation must be evaluated, and derated as needed, based on ambient temperature (TA), power dissipation (PD), maximum
allowable operating junction temperature (TJ(MAX)), and package thermal resistance (θJA).
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP38512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com