Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3923TL/NOPB.A Datasheet(PDF) 12 Page - Texas Instruments

Part # LP3923TL/NOPB.A
Description  LP3923 Cellular Phone Power Management Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3923TL/NOPB.A Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP3923TL/NOPB.A Datasheet HTML 8Page - Texas Instruments LP3923TL/NOPB.A Datasheet HTML 9Page - Texas Instruments LP3923TL/NOPB.A Datasheet HTML 10Page - Texas Instruments LP3923TL/NOPB.A Datasheet HTML 11Page - Texas Instruments LP3923TL/NOPB.A Datasheet HTML 12Page - Texas Instruments LP3923TL/NOPB.A Datasheet HTML 13Page - Texas Instruments LP3923TL/NOPB.A Datasheet HTML 14Page - Texas Instruments LP3923TL/NOPB.A Datasheet HTML 15Page - Texas Instruments LP3923TL/NOPB.A Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
LP3923
SNVS567B – APRIL 2010 – REVISED MAY 2013
www.ti.com
Buck Converter Electrical Characteristics (continued)
Unless otherwise noted, VIN = VINB = 3.6V, GND = 0V, CVINB = 10 µF. Typical values and limits appearing in normal type
apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature range for operation, TA = TJ
=
−40°C to +125°C.
(1)(2)
Limit
Symbol
Parameter
Conditions
Typ
Units
Min
Max
VOUT,PFM
Output Voltage regulation
See(3)
in PFM mode relative to
1.5
%
regulation in PWM mode
Line Regulation
3.0V
≤ VIN ≤ 5.5V, IOUT = 10
0.14
%/V
mA
VOUT
Load Regulation
100 mA
≤ IOUT ≤ 300 mA
0.0013
%/mA
ILIM_PWM
Switch Peak Current Limit
PWM Mode
1150
800
1500
mA
RDSON(P)
P Channel FET on
VIN = 3.6V
310
m
Ω
Resistance
IDS = 100 mA
RDSON(N)
N Channel FET on
160
m
Ω
Resistance
fOSC
Internal Oscillator
PWM Mode
2
1.9
2.1
MHz
Frequency
Efficiency
IOUT = 5 mA, PFM Mode
88
VOUT = 1.8V
(3)
%
IOUT = 300 mA, PWM Mode
90
VOUT = 1.8V
(3)
TSTUP
Start Up Time
IOUT = 0
(3), V
OUT = 1.8V
140
µs
Charger Electrical Characteristics
Unless otherwise noted, VCHG_IN = 5V, VIN= BATT = 3.6V, CCHG_IN = 1 μF, VBATT = 30 µF. Typical values and limits appearing
in normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature range for
operation, TA = TJ = −25°C to +85°C.
(1) (2)
Symbol
Parameter
Conditions
Typical
Limit
Units
Min
Max
VCHG_IN
AC wall adapter input
4.5
6.8
V
voltage operating range
CHG_IN OK trip-point.
VCHG_IN - VBATT (Rising)
150
VOK_CHG
mV
VCHG_IN - VBATT (Falling)
40
Battery charging
VTERM = 4.2V, ICHG = 50 mA
-0.35
+0.35
VTERM
termination voltage
VTERM is measured at 10% of the programmed
%
-1
+1
tolerance
ICHG current
ICHG
CHG_IN programmable
6.8V
≥ VCHG_IN ≥ 4.5V
full-rate charging current
VBATT < VCHG_IN − VOK_CHG
50
1200
mA
VFULL_RATE < VBATT < VTERM
(3)
Full rate charging current
ICHG = 400 mA
−10
+10
%
tolerance
IPREEQUAL
Pre-charging current
2.2V < VBATT < VFULL_RATE
50
30
70
mA
VFULL_RATE
Full-rate qualification
VBATT rising, transition from pre-charging to full-
2.8
2.7
2.9
threshold
rate charging
V
VBATT rising, transition from pre-charging to full-
3.0
2.9
3.1
rate charging (LP3923-VC)
(1)
All limits are specified. All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C. All hot
and cold limits are ensured by correlating the electrical characteristics to process and temperature variations and applying statistical
process control.
(2)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design.
(3)
Full charging current is ensured for CHG_IN = 4.5 to 6.8V, but particularly at higher input voltages. Increased power dissipation may
cause the thermal regulation to limit the current to a safe level, resulting in longer charging time.
12
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LP3923



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com