| Electronic Components Datasheet Search |
|
LP55281TLX/NOPB Datasheet(PDF) 25 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP55281TLX/NOPB Datasheet(HTML) 25 Page - Texas Instruments |
|
25 / 42 page ![]() SS SCK SI SO Don't Care A6 A5 A4 A3 A2 A1 A0 R/W 0 D7 D6 D5 D4 D3 D2 D1 D0 SS SCK SI SO A6 A5 A4 A3 A2 A1 A0 1 R/W D7 D6 D5 D4 D3 D2 D1 D0 25 LP55281 www.ti.com SNVS458D – JUNE 2007 – REVISED OCTOBER 2016 Product Folder Links: LP55281 Submit Documentation Feedback Copyright © 2007–2016, Texas Instruments Incorporated 7.5 Programming The LP55281 supports two different interface modes: • SPI Interface (4-wire, serial) • I2C Compatible Serial Bus Interface User can define the serial interface by IF_SEL pin. If IF_SEL = 0, I2C mode is selected. 7.5.1 SPI Interface The LP55281 is compatible with SPI serial-bus specification and it operates as a slave. The transmission consists of 16-bit write and read cycles. One cycle consists of a 7 address bits, 1 read/write (RW) bit and 8 data bits. RW bit high state defines a write cycle and low a read cycle. SO output is normally in high-impedance state and it is active only when data is sent out during a read cycle. A pullup resistor may be needed in SO line if a floating logic signal can cause unintended current consumption in the input circuits where SO is connected. The Address and Data are transmitted MSB first. The slave select signal (SS) must be low during the cycle transmission. SS resets the interface when high and it has to be taken high between successive cycles. Data is clocked in on the rising edge of the clock signal (SCK), while data is clocked out on the falling edge of SCK. Figure 18. SPI Write Cycle Figure 19. SPI Read Cycle 7.5.2 I2C Compatible Serial Bus Interface 7.5.2.1 Interface Bus Overview The I2C compatible synchronous serial interface provides access to the programmable functions and registers on the device. This protocol uses a two-wire interface for bidirectional communications between the devices connected to the bus. The two interface lines are the serial data line (SDA) and the serial clock line (SCL). These lines should be connected to a positive supply, via a pullup resistor and remain HIGH even when the bus is idle. For every device on the bus is assigned a unique address and it acts as a master or a slave, depending on whether it generates or receives the SCL. When LP55281 is connected in parallel with other I2C compatible devices, the LP55281 supply voltages VDD1, VDD2 and VDDIO must be active. Supplies are required to make sure that the LP55281 does not disturb the SDA and SCL lines. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |