Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8900TLE-3333/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LP8900TLE-3333/NOPB
Description  LP8900 200-mA Ultra-Low-Noise Dual LDO For RF and Analog Circuits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8900TLE-3333/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP8900TLE-3333/NOPB Datasheet HTML 7Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 8Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 9Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 10Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 11Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 12Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 13Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 14Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
LP8900
IN
GND
VIN
VEN 1
VOUT 1
1 PF
VOUT 2
VEN 2
EN1
EN2
OUT2
OUT1
CIN
COUT 1
COUT 2
1 PF
1 PF
11
LP8900
www.ti.com
SNVS542E – MAY 2008 – REVISED JUNE 2016
Product Folder Links: LP8900
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The LP8900 is designed to meet the requirements of RF and analog circuits, providing low device noise, high
PSRR, low quiescent current, and superior line transient response. The device offers class-leading device noise
performance without a noise bypass capacitor and is stable with input and output capacitors with a value of 1 µF.
The LP8900 delivers this performance in an industry standard DSBGA package which, for this device, is
specified with an operating junction temperature (TJ) of –40°C to +125°C.
9.2 Typical Application
Figure 11. LP8900 Typical Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com