Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX213CDWR Datasheet(PDF) 6 Page - Texas Instruments

Part # MAX213CDWR
Description  5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ±15-kV ESD PROTECTION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MAX213CDWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button MAX213CDWR Datasheet HTML 2Page - Texas Instruments MAX213CDWR Datasheet HTML 3Page - Texas Instruments MAX213CDWR Datasheet HTML 4Page - Texas Instruments MAX213CDWR Datasheet HTML 5Page - Texas Instruments MAX213CDWR Datasheet HTML 6Page - Texas Instruments MAX213CDWR Datasheet HTML 7Page - Texas Instruments MAX213CDWR Datasheet HTML 8Page - Texas Instruments MAX213CDWR Datasheet HTML 9Page - Texas Instruments MAX213CDWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.ti.com
RECEIVER SECTION
Electrical Characteristics
(1)
Switching Characteristics
(1)
ESD Protection
MAX213
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD PROTECTION
SLLS680 – DECEMBER 2005
over operating free-air temperature range (unless otherwise noted) (see Figure 6)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
VOH
High-level output voltage
IOH = –1 mA
VCC – 0.4
V
VOL
Low-level output voltage
IOH = 1.6 mA
0.4
V
Active mode
1.7
2.4
Positive-going
VIT+
VCC = 5 V, TA = 25°C
V
input threshold voltage
Shutdown mode (R4–R5)
1.5
2.4
Active mode
0.8
1.2
Negative-going
VIT–
VCC = 5 V, TA = 25°C
V
input threshold voltage
Shutdown mode (R4–R5)
0.6
1.5
Vhys(3)
Input hysteresis (VIT+, VIT–)
VCC = 5 V
0.5
1
V
rI
Input resistance
VCC = 5 V, TA = 25°C
3
5
7
k
Ω
Output leakage current
EN = 0 V, 0
≤ ROUT ≤ V
CC, R1–R3
±0.05
±10
µA
(1)
Test conditions are C1–C4 = 0.1
µF at V
CC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 5 V, and TA = 25°C.
(3)
No hysteresis in shudown mode
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(2)
MAX
UNIT
SHDN = VCC
0.5
10
Propagation delay time,
tPLH(R)
CL = 150 pF,
See Figure 4
µs
low- to high-level output
SHDN = 0 V, R4–R5
4
40
Propagation delay time,
tPHL(R)
CL = 150 pF,
See Figure 4
0.5
10
µs
high- to low-level output
ten
Output enable time
CL = 150 pF,
See Figure 5
600
ns
tdis
Output disable time
CL = 150 pF,
See Figure 5
200
ns
(1)
Test conditions are C1–C4 = 0.1
µF at V
CC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 5 V, and TA = 25°C.
over operating free-air temperature range (unless otherwise noted)
PIN
TEST CONDITIONS
TYP
UNIT
RIN
Human-Body Model
±15
kV
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com