Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8900TLE-AAEC Datasheet(PDF) 20 Page - Texas Instruments

Part # LP8900TLE-AAEC
Description  LP8900 200-mA Ultra-Low-Noise Dual LDO For RF and Analog Circuits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8900TLE-AAEC Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP8900TLE-AAEC Datasheet HTML 15Page - Texas Instruments LP8900TLE-AAEC Datasheet HTML 16Page - Texas Instruments LP8900TLE-AAEC Datasheet HTML 17Page - Texas Instruments LP8900TLE-AAEC Datasheet HTML 18Page - Texas Instruments LP8900TLE-AAEC Datasheet HTML 19Page - Texas Instruments LP8900TLE-AAEC Datasheet HTML 20Page - Texas Instruments LP8900TLE-AAEC Datasheet HTML 21Page - Texas Instruments LP8900TLE-AAEC Datasheet HTML 22Page - Texas Instruments LP8900TLE-AAEC Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
5-Nov-2022
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LP8900TLE-3333/NOPB
DSBGA
YZR
6
250
178.0
8.4
1.15
1.63
0.7
4.0
8.0
Q1
LP8900TLE-AAAH/NOPB DSBGA
YZR
6
250
178.0
8.4
1.15
1.63
0.7
4.0
8.0
Q1
LP8900TLE-AAEC/NOPB DSBGA
YZR
6
250
178.0
8.4
1.15
1.63
0.7
4.0
8.0
Q1
LP8900TLX-3333/NOPB
DSBGA
YZR
6
3000
178.0
8.4
1.15
1.63
0.7
4.0
8.0
Q1
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com