Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP809 Datasheet(PDF) 2 Page - Texas Instruments

Part # MCP809
Description  MCP809/MCP810 3-Pin Microprocessor Reset Circuits
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MCP809 Datasheet(HTML) 2 Page - Texas Instruments

  MCP809 Datasheet HTML 1Page - Texas Instruments MCP809 Datasheet HTML 2Page - Texas Instruments MCP809 Datasheet HTML 3Page - Texas Instruments MCP809 Datasheet HTML 4Page - Texas Instruments MCP809 Datasheet HTML 5Page - Texas Instruments MCP809 Datasheet HTML 6Page - Texas Instruments MCP809 Datasheet HTML 7Page - Texas Instruments MCP809 Datasheet HTML 8Page - Texas Instruments MCP809 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MCP809, MCP810
SNVS165A – JUNE 2001 – REVISED MAY 2013
www.ti.com
Pin Description
PIN
NAME
FUNCTION
3
GND
Ground reference
Active-low output. RESET remains low while VCC is below the reset threshold, and for 240ms after
RESET (MCP809)
VCC rises above the reset threshold.
1
Active-high output. RESET remains high while VCC is below the reset threshold, and for 240ms after
RESET (MCP810)
VCC rises above the reset threshold.
2
VCC
Supply Voltage (+5V, +3.3V, or +3.0V)
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
VCC
−0.3V to 6.0V
RESET, RESET
−0.3V to (VCC+ 0.3V)
Input Current, VCC Pin
20mA
Output Current, RESET, RESET Pin
20mA
Rate of Rise, VCC
100V/µs
ESD Rating (2)
2kV
Continuous Power Dissipation (TA = +70°C)
SOT-23 (3)
320mW
Ambient Temperature Range
−40°C to +105°C
Maximum Junction Temperature
125°C
Storage Temperature Range
−65°C to +160°C
Lead Temperature (soldering, 10sec)
+300°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which the
device operates correctly. Operating ratings do not imply specified performance limits. For specified performance limits and associated
test conditions, see the Electrical Characteristics.
(2)
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
(3)
Production testing done at TA = +25°C, over temperature limits specified by design only.
2
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: MCP809 MCP810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com