Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT1111C Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HAT1111C
Description  Silicon P Channel MOS FET Power Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT1111C Datasheet(HTML) 3 Page - Renesas Technology Corp

  HAT1111C Datasheet HTML 1Page - Renesas Technology Corp HAT1111C Datasheet HTML 2Page - Renesas Technology Corp HAT1111C Datasheet HTML 3Page - Renesas Technology Corp HAT1111C Datasheet HTML 4Page - Renesas Technology Corp HAT1111C Datasheet HTML 5Page - Renesas Technology Corp HAT1111C Datasheet HTML 6Page - Renesas Technology Corp HAT1111C Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HAT1111C
R07DS1177EJ0700 Rev.7.00
Page 3 of 6
Mar 19, 2014
Main Characteristics
1.6
1.2
0.8
0.4
0
50
100
150
200
-30
-10
-3
-1
-0.3
-0.1
-0.1 -0.3
-0.03
-1
-3
-10 -30 -100
-10
-8
-6
-4
-2
0
-2
-4
-6
-8
-10
-10
-8
-6
-4
-2
0
-2
-4
-6
-8
-10
-0.03
-0.01
-100
Ta = 25°C,1shot pulse
When using the FR4 board.
-2.5 V
-3 V
Tc = 75
°C
25
°C
−25°C
Ambient Temperature
Ta (°C)
Power vs. Temperature Derating
Drain to Source Voltage
VDS (V)
Maximum Safe Operation Area
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Pulse Test
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
VDS = -10 V
Pulse Test
s
m
1
s
m
0
1
=
W
P
10
μs
-600
-400
-200
0
-4
-8
-12
-16
-20
-0.01
-1
-0.1
-10
100
1000
10
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Drain Current
ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
-800
ID = -2 A
-1 A
-0.5 A
Pulse Test
VGS = 10 V
Pulse Test
Operation in this
area is limited by
RDS(on)
-3.5 V
100
μs
-10 V
VGS = -2 V
-4.5V
-4 V
-4.5 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com