| Electronic Components Datasheet Search |
|
LPC2917 Datasheet(PDF) 22 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2917 Datasheet(HTML) 22 Page - NXP Semiconductors |
|
22 / 68 page ![]() LPC2917_19_1 © NXP B.V. 2007. All rights reserved. Preliminary data sheet Rev. 1.01 — 15 November 2007 22 of 68 NXP Semiconductors LPC2917/19 ARM9 microcontroller with CAN and LIN 8.3 General subsystem 8.3.1 General subsystem clock description The general subsystem is clocked by CLK_SYS_GESS, see Section 7.2.2. 8.3.2 Chip and feature identification 8.3.2.1 Overview The key features are: • Identification of product • Identification of features enabled 8.3.2.2 Description The Chip/Feature ID (CFID) module contains registers which show and control the functionality of the chip. It contains an ID to identify the silicon, and also registers containing information about the features enabled or disabled on the chip. 8.3.2.3 CFID pin description The CFID has no external pins. 8.3.3 System Control Unit (SCU) 8.3.3.1 Overview The system control unit takes care of system-related functions.The key feature is configuration of the I/O port-pins multiplexer. 8.3.3.2 Description The system control unit defines the function of each I/O pin of the LPC2917/19. The I/O pin configuration should be consistent with peripheral function usage. 8.3.3.3 SCU pin description The SCU has no external pins. 8.3.4 Event router 8.3.4.1 Overview The event router provides bus-controlled routing of input events to the vectored interrupt controller for use as interrupt or wake-up signals. Key features: • Up to 24 level-sensitive external interrupt pins, including CAN, LIN and RxD wake-up features plus three internal event sources • Input events can be used as interrupt source either directly or latched (edge-detected) • Direct events disappear when the event becomes inactive • Latched events remain active until they are explicitly cleared • Programmable input level and edge polarity • Event detection maskable |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |