Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2919 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # LPC2919
Description  ARM9 microcontroller with CAN and LIN
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2919 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button LPC2919 Datasheet HTML 21Page - NXP Semiconductors LPC2919 Datasheet HTML 22Page - NXP Semiconductors LPC2919 Datasheet HTML 23Page - NXP Semiconductors LPC2919 Datasheet HTML 24Page - NXP Semiconductors LPC2919 Datasheet HTML 25Page - NXP Semiconductors LPC2919 Datasheet HTML 26Page - NXP Semiconductors LPC2919 Datasheet HTML 27Page - NXP Semiconductors LPC2919 Datasheet HTML 28Page - NXP Semiconductors LPC2919 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
LPC2917_19_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 1.01 — 15 November 2007
25 of 68
NXP Semiconductors
LPC2917/19
ARM9 microcontroller with CAN and LIN
timer has four capture inputs and/or match outputs. Connection to device pins depends on
the configuration programmed into the port function-select registers. The two timers
located in the MSCSS have no external capture or match pins, but the memory map is
identical, see Section 8.7.7. One of these timers has an external input for a pause
function.
The key features are:
• 32-bit timer/counter with programmable 32-bit prescaler
• Up to four 32-bit capture channels per timer. These take a snapshot of the timer value
when an external signal connected to the TIMERx CAPn input changes state. A
capture event may also optionally generate an interrupt
• Four 32-bit match registers per timer that allow:
– Continuous operation with optional interrupt generation on match
– Stop timer on match with optional interrupt generation
– Reset timer on match with optional interrupt generation
• Up to four external outputs per timer corresponding to match registers, with the
following capabilities:
– Set LOW on match
– Set HIGH on match
– Toggle on match
– Do nothing on match
• Pause input pin (MSCSS timers only)
8.4.3.2
Description
The timers are designed to count cycles of the clock and optionally generate interrupts or
perform other actions at specified timer values, based on four match registers. They also
include capture inputs to trap the timer value when an input signal changes state,
optionally generating an interrupt. The core function of the timers consists of a 32 bit
‘prescale counter’ triggering the 32 bit ‘timer counter’. Both counters run on clock
CLK_TMRx (x runs from 0 to 3) and all time references are related to the period of this
clock. Note that each timer has its individual clock source within the Peripheral
SubSystem. In the Modulation and Sampling SubSystem each timer also has its own
individual clock source. See section Section 8.8.6 for information on generation of these
clocks.
8.4.3.3
Pin description
The four timers in the peripheral subsystem of the LPC2917/19 have the pins described
below. The two timers in the modulation and sampling subsystem have no external pins
except for the pause pin on MSCSS timer 1. See Section 8.7.7 for a description of these
timers and their associated pins. The timer pins are combined with other functions on the
port pins of the LPC2917/19, see Section 8.3.3. Table Table 14 shows the timer pins (x
runs from 0 to 3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com