| Electronic Components Datasheet Search |
|
LPC2919FBD144 Datasheet(PDF) 39 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2919FBD144 Datasheet(HTML) 39 Page - NXP Semiconductors |
|
39 / 68 page ![]() LPC2917_19_1 © NXP B.V. 2007. All rights reserved. Preliminary data sheet Rev. 1.01 — 15 November 2007 39 of 68 NXP Semiconductors LPC2917/19 ARM9 microcontroller with CAN and LIN 8.7.6.4 Master and slave mode A PWM module can provide synchronization signals to other modules (also called Master mode). The signal sync_out is a pulse of one clock cycle generated when the internal PWM counter (re)starts. The signal trans_enable_out is a pulse synchronous to sync_out, generated if a transfer from system registers to PWM shadow registers occurred when the PWM counter restarted. A delay may be inserted between the counter start and generation of trans_enable_out and sync_out. A PWM module can use input signals trans_enable_in and sync_in to synchronize its internal PWM counter and the transfer of shadow registers (Slave mode). 8.7.6.5 PWM pin description Each of the four PWM modules in the MSCSS has the following pins. These are combined with other functions on the port pins of the LPC2917/19. Table 21 shows the PWM0 to PWM3 pins. 8.7.6.6 PWM clock description The PWM modules are clocked by CLK_MSCSS_PWMx (x = 0-3), see Section 7.2.2. Note that each PWM has its own CLK_MSCSS_PWMx branch clock for power management. The frequency of all these clocks is identical to CLK_MSCSS_VPB since they are derived from the same base clock BASE_MSCSS_CLK. Also note that unlike the timer modules in the Peripheral SubSystem, the actual timer counter registers of the PWM modules run at the same clock as the VPB system interface CLK_MSCSS_VPB. This clock is independent of the AHB system clock. If a PWM module is not used its CLK_MSCSS_PWMx branch clock can be switched off. 8.7.7 Timers in the MSCSS 8.7.7.1 Overview The two timers in the MSCSS are functionally identical to the timers in the peripheral subsystem, see Section 8.4.3. The features of the timers in the MSCSS are the same as the timers in the peripheral subsystem, but the capture inputs and match outputs are not available on the device pins. These signals are instead connected to the ADC and PWM modules as outlined in the description of the MSCSS, see Section 8.7.2. Table 21. PWM pins Symbol Direction Description PWMn CAP[0] in PWM n capture input 0 PWMn CAP[1] in PWM n capture input 1 PWMn CAP[2] in PWM n capture input 2 PWMn MAT[0] out PWM n match output 0 PWMn MAT[1] out PWM n match output 1 PWMn MAT[2] out PWM n match output 2 PWMn MAT[3] out PWM n match output 3 PWMn MAT[4] out PWM n match output 4 PWMn MAT[5] out PWM n match output 5 PWMn TRAP in PWM n trap input |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |