Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW4177 Datasheet(PDF) 1 Page - TT Electronics.

Part # SW4177
Description  UNITED KINGDOM 3-PIN PLUG-IN MULTI VOLTAGE POWER SUPPLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW4177 Datasheet(HTML) 1 Page - TT Electronics.

  SW4177 Datasheet HTML 1Page - TT Electronics. SW4177 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNITED KINGDOM 3-PIN PLUG-IN
MULTI VOLTAGE POWER SUPPLY
POWERPAX: SW4177
© TT Electronics plc
ISS.3 28/05/2020 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
United Kingdom Fixed AC Head
•
1 Year Warranty
•
Level VI Efficiency
•
CE Approved
Description:
Our Range of Class II 12 Watt Max. AC/DC United Kingdom plug-in power supplies provide maximum 12 Watts of
continuous power in a compact fixed wall plug enclosure suitable for use in many general power applications.
Specification
Part Number
SW4177
Input Voltage Range
100-240Vac
Input Frequency Range
50-60Hz
Input Full Load Current
0.25A
Input Power
16.5W Max.
Output Voltage Rating
3.0/4.5/5.0/6.0/7.5/9.0/12.0V dc ±10%
Output Current Range
1A
Output Min Current
0A
Output Connection Type
2.5mm, 3.5mm, 5.5x2.1mm, 5.5x2.5mm, 3.5x1.35mm,
4x1.7mm
Total Output Power
12W Max.
Line and Load Regulation
+/- 5%
Noise Test Bandwidth
20MHz. Each output bypassed by a 10uF
Efficiency
COMPLIED with CEC-400-2006-002-REV1 Efficiency level IV.
Protection
Over Current
Over Voltage
Over Power
Short Circuit
L.P.S (Limits for power source)
Operating Temperature
0°C to 25°C
Storage Temperature
-20°C to 50°C
Operating Humidity
20% to 85%
Storage Humidity
10% to 90%
Hi-Pot
3000Vac 5mA 50/60Hz
Safety Standard
GS
EMC Standard
CE
MTBF
50K Hours
Size mm max.
76.5 (L) x 50.2 (W) x 65.2 (H)
Weight
140g
Regulator Type
Switched Mode Power Supply


Similar Part No. - SW4177

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW4177-1500 TTELEC-SW4177-1500 Datasheet
251Kb / 2P
UNITED KINGDOM 3-PIN PLUG-IN MULTI VOLTAGE POWER SUPPLY
28/05/2020
More results

Similar Description - SW4177

ManufacturerPart #DatasheetDescription
logo
CUI INC
SMI-UK-1 CUI-SMI-UK-1 Datasheet
230Kb / 2P
UNITED KINGDOM BLADE
SMI-UK-3L CUI-SMI-UK-3L Datasheet
402Kb / 2P
UNITED KINGDOM BLADE
AC-C7-UK CUI-AC-C7-UK Datasheet
169Kb / 2P
AC CORD, UNITED KINGDOM
AC-C13-UK CUI-AC-C13-UK Datasheet
163Kb / 2P
3 PRONG AC CORD, UNITED KINGDOM
SMI-UK-2 CUI-SMI-UK-2 Datasheet
303Kb / 2P
United Kingdom interchangeable blade
SMI-UK-5 CUI-SMI-UK-5 Datasheet
173Kb / 2P
UNITED KINGDOM BLADE
SMI-UK-3 CUI-SMI-UK-3_V01 Datasheet
728Kb / 2P
UNITED KINGDOM BLADE
06/20/2019
SMI-UK-5W CUI-SMI-UK-5W Datasheet
172Kb / 2P
UNITED KINGDOM BLADE
11/20/2020
logo
CUI Devices
AC-C7UK CUID-AC-C7UK Datasheet
270Kb / 2P
AC CORD, UNITED KINGDOM
10/25/2022
AC-C7-UK CUID-AC-C7-UK Datasheet
270Kb / 2P
AC CORD, UNITED KINGDOM
10/25/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com