Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0804483 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 0804483
Description  LS-EMLP (80X40) WH - Device marker
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804483 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  0804483 Datasheet HTML 1Page - PHOENIX CONTACT 0804483 Datasheet HTML 2Page - PHOENIX CONTACT 0804483 Datasheet HTML 3Page - PHOENIX CONTACT 0804483 Datasheet HTML 4Page - PHOENIX CONTACT 0804483 Datasheet HTML 5Page - PHOENIX CONTACT 0804483 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Material strength
0.80 mm
Text field
Text field width
80 mm
Text field height
40 mm
Standards and regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
LS-EMLP (80X40) WH - Device marker
0804483
https://www.phoenixcontact.com/us/products/0804483
Jul 1, 2025, 7:44AM
Page 4 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com