Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FVL.2W.012.CLLC85 Datasheet(PDF) 3 Page - LEMO Connectors

Part # FVL.2W.012.CLLC85
Description  W - Underwater
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

FVL.2W.012.CLLC85 Datasheet(HTML) 3 Page - LEMO Connectors

  FVL.2W.012.CLLC85 Datasheet HTML 1Page - LEMO Connectors FVL.2W.012.CLLC85 Datasheet HTML 2Page - LEMO Connectors FVL.2W.012.CLLC85 Datasheet HTML 3Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
https://www.lemo.com/int_en/solutions/supreme/w-underwater/fvl-2w-012-cllc85.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
Cable fixation
Cable termination protection
Standard back nut (no additional protection)
Fixation type
Cable collet
Jacket cable outside diameter [mm]
8.10 - 8.50 mm
Drawings
Dimensions
A
B
L
M
N
S1
S3
mm.
23.5
14.0
52.5
43.0
15.5
22
12
in.
0.93
0.55
2.07
1.69
0.61
0.87
0.47
Recommended By Lemo
Accessories
Compatible cap
BFG.2W.100.NAZ



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com