Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVG.3W.303.CLLP Datasheet(PDF) 3 Page - LEMO Connectors

Part # HVG.3W.303.CLLP
Description  Socket / Receptacle - Fixed Panel Front Mounted
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

HVG.3W.303.CLLP Datasheet(HTML) 3 Page - LEMO Connectors

  HVG.3W.303.CLLP Datasheet HTML 1Page - LEMO Connectors HVG.3W.303.CLLP Datasheet HTML 2Page - LEMO Connectors HVG.3W.303.CLLP Datasheet HTML 3Page - LEMO Connectors HVG.3W.303.CLLP Datasheet HTML 4Page - LEMO Connectors HVG.3W.303.CLLP Datasheet HTML 5Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
https://www.lemo.com/int_en/solutions/supreme/w-underwater/hvg-3w-303-cllp.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
Environment
Technical domain
Specialties and Other
Environmental sealing (IP rating)
IP68
Endurance
1000 mating cycles
Temperature range
-20°C / +80°C
Climatical Category
20/200/21
Humidity (max)
<=95% [at 60 deg C /140 F]
Shielding (min)
95 dB (10 MHz)
Shielding (min)
80 dB (1 GHz)
Pressure
30 bars
Salt Spray Corrosion
>1000 hr
Drawings
Dimensions
A
B
e
e1
E
L
N
S1
S2
S3
mm.
26.6
27
M20x1.0
M24x1.0
17.5
42.2
9.5
18.5
22.5
24
in.
1.05
1.06
0.69
1.66
0.37
0.73
0.89
0.94
Recommended By Lemo
Accessories
Compatible cap
BRE.3V.200.NAV



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com